Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA-121C1Z Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PCA-121C1Z
Description  SIGNAL CONDITIONER & CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCA-121C1Z Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PCA-121C1Z Datasheet HTML 3Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 4Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 5Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 6Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 7Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 8Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 9Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 10Page - List of Unclassifed Manufacturers PCA-121C1Z Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PA1001A – 7/02
Page 9 of 11
ANALOG OUTPUT ADJUSTMENTS (PCA-121):
20mA ADJ
A twenty turn adjustment which is used to set current output to the
desired span corresponding to the equivalent full scale range. (i.e.
20 mA at 100 RPM).
4mA ADJ
A twenty-turn adjustment that is used to set the current output signal
to the desired zero value. (i.e. 4mA at zero RPM).
VFS ADJ
A twenty-turn adjustment that is used to set the voltage output to the
desired span corresponding to the equivalent full scale range. (i.e.
5VDC or 10 VDC at 100 RPM).
VO ADJ
A twenty-turn adjustment that is used to set the voltage output signal
to the desired zero value. (i.e. 0 VDC at zero RPM).
COARSE RANGE ADJ
A dual in line DIP switch which is located on the PCA-121 board,
which is used to perform a coarse range adjustment for the input
frequency range.
VFS SELECTION
A two position jumper (JP1) that is used to select the desired voltage
output range of either 0 to 5VDC or 0 to 10VDC.
CALIBRATION PROCEDURE:
In order to perform field calibration and troubleshoot the PA1001A, the following equipments are
recommended.
MANUFACTURER
PART NUMBER
DESCRIPTION
Fluke
8060A
True RMS Multimeter
Topward
8112
Digital Function Generator
Viz
WD-755
Multi Function Counter
Spectrol
8-TOOO
Adjustment Tool
Table - 1
(Coarse Range Adjustment):
Frequency Range
Switch
Position
50 to 100Hz
1
100 to 200Hz
2
200 to 400Hz
3
400 to 800Hz
4
800 to 1600Hz
5
1600 to 3200Hz
6
3200 to 6400Hz
7
6400 to 12800Hz
8


Similar Part No. - PCA-121C1Z

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCA-1-08-V-3-20 ADAM-TECH-PCA-1-08-V-3-20 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR .039 [1.00] &.049 [1.25] CENTERLINE
PCA-1-10-HU-3-50 ADAM-TECH-PCA-1-10-HU-3-50 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR .039 [1.00] &.049 [1.25] CENTERLINE
PCA-1-XX-V-3-20 ADAM-TECH-PCA-1-XX-V-3-20 Datasheet
88Kb / 1P
   909 Rahway Avenue
More results

Similar Description - PCA-121C1Z

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
544219 FESTO-544219 Datasheet
85Kb / 1P
   Signal conditioner
8035555 FESTO-8035555 Datasheet
109Kb / 2P
   Signal conditioner
logo
PHOENIX CONTACT
2810887 PHOENIX-2810887 Datasheet
309Kb / 11P
   Signal conditioner
logo
Festo Corporation.
544217 FESTO-544217 Datasheet
88Kb / 1P
   Signal conditioner
544220 FESTO-544220 Datasheet
88Kb / 1P
   Signal conditioner
8035556 FESTO-8035556 Datasheet
110Kb / 2P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com