Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC73701M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC73701M
Description  SERIAL INTERFACE DIALLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC73701M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC73701M Datasheet HTML 1Page - Sanyo Semicon Device LC73701M Datasheet HTML 2Page - Sanyo Semicon Device LC73701M Datasheet HTML 3Page - Sanyo Semicon Device LC73701M Datasheet HTML 4Page - Sanyo Semicon Device LC73701M Datasheet HTML 5Page - Sanyo Semicon Device LC73701M Datasheet HTML 6Page - Sanyo Semicon Device LC73701M Datasheet HTML 7Page - Sanyo Semicon Device LC73701M Datasheet HTML 8Page - Sanyo Semicon Device LC73701M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Pin Assignment
No. 5561-2/11
LC73701M
Pin Functions
Pin No.
Pin
I/O
Pin function
1
CE
I
Set high when data is valid. This signal is also used when DTMF signals are issued consecutively in DTMF mode. The last
DTMF signal is output until CE goes low.
2
CK
I
Data acquisition clock. Data is acquired on the rising edge of this signal.
3NC
4
DATA
I
Input for the 8-bit data.
5
RES
I
Reset input. Apply a low level to this input to reset dialer operation when, for example, power is first applied.
6
BUSYOUT
O
Outputs a high level during dialer operation, including during pauses. This is a complementary output.
7
OSCI
I
Oscillator circuit connections. Connect either a crystal or ceramic 4.194304 MHz oscillator element to these pins.
8
OSCO
O
9VSS
Power supply
10
VDD
11
BMR
I
Make ratio switching input. High: 33%, Low: 39%
12
NC
13
TEST
I
LSI internal test pin. This pin either must be left open or must be tied low during normal operation.
14
DTMF
O
DTMF output. This is an npn emitter-follower output.
15
MUTE2
O
DTMF mute output. This is an n-channel open-drain output.
16
MUTE
O
DP and DTMF mute output. This is an n-channel open-drain output.
17
MUTE1
O
DP mute output. This is an n-channel open-drain output.
18
DP
O
DP output. This can be either an n-channel open-drain output or a complementary output.
Unused inputs must always be tied to an appropriate logic level, i.e. either ground or VDD.
DTMF
VSS


Similar Part No. - LC73701M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC73711 SANYO-LC73711 Datasheet
244Kb / 11P
   Switchable DTMF/Pulse Dialer with Memory
LC73711N SANYO-LC73711N Datasheet
244Kb / 11P
   Switchable DTMF/Pulse Dialer with Memory
LC73720 SANYO-LC73720 Datasheet
284Kb / 12P
   Dialer with Memory?
LC737212 SANYO-LC737212 Datasheet
308Kb / 27P
   Telephone Dialer IC with On-Chip Memory for Push- Button Telephones
LC737212M SANYO-LC737212M Datasheet
308Kb / 27P
   Telephone Dialer IC with On-Chip Memory for Push- Button Telephones
More results

Similar Description - LC73701M

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
logo
List of Unclassifed Man...
SC1062 ETC1-SC1062 Datasheet
742Kb / 15P
   LOW VOLTAGE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com