Electronic Components Datasheet Search |
|
FSLV16211 Datasheet(PDF) 5 Page - ON Semiconductor |
|
FSLV16211 Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 9 page © 2003 Fairchild Semiconductor Corporation www.fairchildsemi.com FSLV16211 Rev. 1.0.2 4 DC Electrical Characteristics Not all conditions may appear on all switch types. Symbol Parameter Conditions VCC (V) TA = -40°C to +85°C Unit Min. Typ. Max. VIK Clamp Diode Voltage IIN = -18mA 3.0 -1.2 V VIH HIGH Level Control Input Voltage 2.3-2.7 1.7 V 2.7-3.6 2.0 VIL LOW Level Control Input Voltage 2.3-2.7 0.7 V 2.7-3.6 0.8 IL Input Leakage Current Force VI = 3.6V, IOUT = 0.0A 2.3 10 µA Force VI = 3.6V 0.0 10 0 ≤ V IN ≤ 3.6V 3.6 1 ICC Quiescent Supply Current VIN = VCC or GND, IOUT = 0A 3.6 10 µA ∆ICC Increase in ICC per Input One Input at 3V Other Inputs at VCC or GND 3.6 300 µA IOZ Off-State Leakage 0.0 ≤ A, B ≤ 3.6V 3.6 -1 1 µA RON Switch On Resistance IIN = 64mA, VI = 0.0V 3.0 5 7 Ω IIN = 30mA, VI = 0.0V 3.0 5 7 IIN = 15mA, VI = 2.4V 3.0 10 15 IIN = 15mA, VI = 3.0V 2.3 20 IIN = 64mA, VI = 0.0V 2.3 5 8 IIN = 30mA, VI = 0.0V 2.3 5 8 IIN = 15mA, VI = 1.7V 2.3 10 15 IIN = 15mA, VI = 2.0V 2.3 20 AC Electrical Characteristics Symbol Parameter TA=-40°C to +85°C TA=40°C to +85°C Unit CL=30pF, RL=500Ω CL=50pF, RL=500Ω VCC = 2.5V ± 0.20V VCC=3.3V ± 0.30V Min. Max. Min. Max. tPHL, tPLH Propagation Delay (3) 0.15 0.25 ns tPHZ, tPLZ Enable Time 0.5 4.7 1.0 7.0 ns tPZH, tPZL Disable Time 0.5 5.1 1.0 5.5 ns Note: 3. This parameter is guaranteed by design, but is not production tested. The bus switch contributes no propagation delay other than the RC delay of the typical on resistance of the switch and the load capacitance when driven by an ideal voltage source (zero output impedance). |
Similar Part No. - FSLV16211 |
|
Similar Description - FSLV16211 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |