Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6666AUT-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6666AUT-T
Description  High-Accuracy PWM Output Temperature Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6666AUT-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6666AUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX6666AUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX6666AUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX6666AUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX6666AUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX6666AUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX6666AUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX6666AUT-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
High-Accuracy PWM Output Temperature
Sensors
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
40ns/div
MAX6666
OUTPUT FALL TIME
MAX6666/7 toc09
1V/div
CLOAD = 100pF
RL = 100k
0
400
200
800
600
1000
1200
MAX6666
OUTPUT RISE AND FALL TIMES
vs. CAPACITIVE LOADS
CLOAD (pF)
0600
300
900
1200
1500
RISE TIME
FALL TIME
0
0.2
0.1
0.4
0.3
0.6
0.5
0.7
0.9
0.8
1.0
-40
0
20
40
-20
60
80 100 120 140
OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
ISINK = 5mA
ISINK = 1.5mA
ISINK = 1mA
PIN
µMAX/SO
SOT23
NAME
FUNCTION
11
DOUT
Digital Output Pin. The pulse width of the output waveform is modulated by the
temperature.
22
VCC
Supply Voltage
3
3
GND
Ground
4–8
4, 5, 6
IC
Internally Connected. Leave unconnected or connect to GND.
Pin Description
3.00
3.05
3.10
3.15
3.20
3.25
3.30
-40
0
-20
20
40
60
80 100 120 140
OUTPUT HIGH VOLTAGE
VS.
TEMPERATURE
TEMPERATURE (
°C)
VCC = +3.3V
ISOURCE = 800
µA


Similar Part No. - MAX6666AUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6666AUT+T MAXIM-MAX6666AUT+T Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
MAX6666AUT+T MAXIM-MAX6666AUT+T Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
More results

Similar Description - MAX6666AUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
Texas Instruments
TMP235 TI1-TMP235_18 Datasheet
974Kb / 20P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_1808 TI1-TMP235_1808 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235 TI1-TMP235 Datasheet
274Kb / 13P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_018 TI1-TMP235_018 Datasheet
975Kb / 20P
[Old version datasheet]   Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1_19 Datasheet
688Kb / 22P
[Old version datasheet]   Automotive Grade, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1 Datasheet
575Kb / 20P
[Old version datasheet]   Automotive Grade, High-Accuracy Analog Output Temperature Sensors
logo
Maxim Integrated Produc...
MAX6676 MAXIM-MAX6676_V01 Datasheet
1Mb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
MAX6672 MAXIM-MAX6672_V01 Datasheet
1Mb / 7P
   PWM Output Temperature Sensors in SC70 Packages
2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com