Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7033 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX7033
Description  315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7033 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX7033 Datasheet HTML 6Page - Maxim Integrated Products MAX7033 Datasheet HTML 7Page - Maxim Integrated Products MAX7033 Datasheet HTML 8Page - Maxim Integrated Products MAX7033 Datasheet HTML 9Page - Maxim Integrated Products MAX7033 Datasheet HTML 10Page - Maxim Integrated Products MAX7033 Datasheet HTML 11Page - Maxim Integrated Products MAX7033 Datasheet HTML 12Page - Maxim Integrated Products MAX7033 Datasheet HTML 13Page - Maxim Integrated Products MAX7033 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
The off-chip inductive degeneration is achieved by
connecting an inductor from LNASRC to AGND. This
inductor sets the real part of the input impedance at
LNAIN, allowing for a more flexible input impedance
match, such as a typical PC board trace antenna. A
nominal value for this inductor with a 50Ω input imped-
ance is 15nH, but is affected by PC board trace.
The LC tank filter connected to LNAOUT comprises L3
and C2 (see the Typical Application Circuit). Select L3
and C2 to resonate at the desired RF input frequency.
The resonant frequency is given by:
where:
LTOTAL = L3 + LPARASITICS.
CTOTAL = C2 + CPARASITICS.
LPARASITICS and CPARASITICS include inductance and
capacitance of the PC board traces, package pins,
mixer input impedance, LNA output impedance, etc.
These parasitics at high frequencies cannot be
ignored, and can have a dramatic effect on the tank fil-
ter center frequency. Lab experimentation should be
done to optimize the center frequency of the tank.
Automatic Gain Control
When the AC pin is low, the automatic gain-control
(AGC) circuit monitors the RSSI output. As the RSSI
output reaches 1.98V, which corresponds to RF input
level of -62dBm, the AGC switches on the LNA gain
reduction resistor. The resistor reduces the LNA gain
by 35dB, thereby reducing the RSSI output by about
500mV. The LNA resumes high-gain mode when the
RSSI level drops back below 1.39V (approximately
-70dBm at RF input) for 1ms. The AGC has a hysteresis
of 8dB. With the AGC function, the MAX7033 can reli-
ably produce an ASK output for RF input levels up to
0dBm with modulation depth of 18dB.
When the AC pin is high and SHDN goes high, the
AGC circuit is disabled and the LNA is always in high-
gain mode. The AGC function can be resumed by
bringing the AC pin low when SHDN is high.
The MAX7033 features an AGC lock function that is
asserted when the level at the AC pin transitions from
low to high while SHDN is high. Locking the AGC locks
the LNA in the current gain state. As shown in Figure 1,
the AGC lock function can be enabled or disabled as
long as the SHDN pin is high. Changing the state of AC
when SHDN is low has no effect.
Mixer
A unique feature of the MAX7033 is the integrated
image rejection of the mixer. This device eliminates the
need for a costly front-end SAW filter for most applica-
tions. Advantages of not using a SAW filter are
increased sensitivity, simplified antenna matching, less
board space, and lower cost.
The mixer cell is a pair of double balanced mixers that
perform an IQ downconversion of the RF input to the
10.7MHz IF from a low-side injected LO (i.e., fLO = fRF -
fIF). The image-rejection circuit then combines these
signals to achieve 44dB of image rejection. Low-side
f
LC
RF
TOTAL
TOTAL
=
×
1
315MHz/433MHz ASK Superheterodyne
Receiver with AGC Lock
10
______________________________________________________________________________________
AGC
LOCK
AGC
UNLOCK
AGC
LOCK
AGC
UNLOCK
NO
EFFECT
NO
EFFECT
SHDN
PIN
AC PIN
VIL
VIH
VIH
VIL
NO
EFFECT
AGC ENABLED
AGC
ENABLED
AGC
DISABLED
AGC
DISABLED
Figure 1. AGC Lock Activation Cycles


Similar Part No. - MAX7033

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7033 MAXIM-MAX7033 Datasheet
214Kb / 7P
   Evaluation Kit
Rev 0; 12/05
MAX7033 MAXIM-MAX7033 Datasheet
409Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 3; 9/11
MAX7033 MAXIM-MAX7033 Datasheet
214Kb / 7P
   Available in 315MHz or 433.92MHz Optimized Versions
Rev 0; 12/05
MAX7033ETJ++ MAXIM-MAX7033ETJ+ Datasheet
908Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
MAX7033EUI++ MAXIM-MAX7033EUI+ Datasheet
214Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 2; 1/11
More results

Similar Description - MAX7033

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7033 MAXIM-MAX7033_11 Datasheet
214Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 2; 1/11
MAX7033 MAXIM-MAX7033_V01 Datasheet
908Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
MAX7033_1109 MAXIM-MAX7033_1109 Datasheet
409Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 3; 9/11
MAX1473 MAXIM-MAX1473_11 Datasheet
367Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 5; 1/11
MAX1473 MAXIM-MAX1473 Datasheet
415Kb / 17P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 3; 11/03
MAX1473 MAXIM-MAX1473_12 Datasheet
217Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 6; 1/12
MAX1473 MAXIM-MAX1473_V01 Datasheet
1Mb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
2019
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com