Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8594AETG Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8594AETG
Description  5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8594AETG Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8594AETG Datasheet HTML 4Page - Maxim Integrated Products MAX8594AETG Datasheet HTML 5Page - Maxim Integrated Products MAX8594AETG Datasheet HTML 6Page - Maxim Integrated Products MAX8594AETG Datasheet HTML 7Page - Maxim Integrated Products MAX8594AETG Datasheet HTML 8Page - Maxim Integrated Products MAX8594AETG Datasheet HTML 9Page - Maxim Integrated Products MAX8594AETG Datasheet HTML 10Page - Maxim Integrated Products MAX8594AETG Datasheet HTML 11Page - Maxim Integrated Products MAX8594AETG Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
5-Output PMICs with DC-DC Core Supply for
Low-Cost PDAs
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 2, VIN = 4V, TA = +25°C, unless otherwise noted.)
1.50
2.00
1.75
2.50
2.25
3.25
3.00
2.75
3.50
0
200
100
300
400
500
600
700
SDIG OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
1.8
1.7
1.9
0.9
300
200
100
0400
COR1 OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
1.6
1.4
1.3
1.5
1.2
1.1
1.0
COR2 OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
80
60
40
20
1.62
1.64
1.66
1.68
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.60
0
100
LOAD-TRANSIENT MAIN
MAX8594/MAX8594A toc07
100
µs/div
VMAIN
IOUT
100mA/div
50mV/div
AC-COUPLED
0
LOAD-TRANSIENT COR1
MAX8594/MAX8594A toc08
40
µs/div
VCOR1
IOUT
100mA/div
20mV/div
AC-COUPLED
0
INPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5
4
3
2
1
10
20
30
40
50
60
0
06
VIN FALLING
VIN RISING


Similar Part No. - MAX8594AETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8595 MAXIM-MAX8595 Datasheet
257Kb / 10P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
MAX8595X MAXIM-MAX8595X Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8595X MAXIM-MAX8595X Datasheet
257Kb / 10P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
MAX8595X-MAX8596X MAXIM-MAX8595X-MAX8596X Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8595XETA MAXIM-MAX8595XETA Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
More results

Similar Description - MAX8594AETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1559 MAXIM-MAX1559 Datasheet
526Kb / 14P
   5-Output Power-Management IC For Low-Cost PDAs
Rev 1; 10/03
MAX1586A MAXIM-MAX1586A Datasheet
656Kb / 32P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 1; 12/03
MAX1586A MAXIM-MAX1586A_08 Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586A MAXIM-MAX1586A_09 Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
MAX1552 MAXIM-MAX1552 Datasheet
324Kb / 12P
   Complete Power IC for Low-Cost PDAs
Rev 0; 4/03
logo
MicroPower Direct, LLC
LF200ED MPD-LF200ED Datasheet
263Kb / 2P
   Low Cost, 2W SMT Dual Output DC/DC Converters
LF200ES MPD-LF200ES Datasheet
325Kb / 2P
   Low Cost, 2W SMT Single Output DC/DC Converters
logo
Murata Manufacturing Co...
MYMGC0R88RFLF2RV MURATA1-MYMGC0R88RFLF2RV Datasheet
1Mb / 17P
   MonoBlock type POL, Low output 8A DC-DC converter series for core
2018
logo
List of Unclassifed Man...
RT9237 ETC-RT9237 Datasheet
323Kb / 15P
   MULTI-PHASE DC/DC CONTROLLER FOR CPU CORE POWER SUPPLY
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
   Two-Phase DC/DC Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com