Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9850ETI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9850ETI
Description  Stereo Audio DAC with DirectDrive Headphone Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9850ETI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9850ETI Datasheet HTML 1Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 2Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 3Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 4Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 5Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 6Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 7Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 8Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
General Description
The MAX9850 is a low-power, high-performance stereo
audio DAC with an integrated DirectDrive™ headphone
amplifier. The MAX9850 is designed to meet the board
space and performance requirements of portable devices
such as cell phones and MP3 and portable DVD players.
The MAX9850 uses Maxim’s patented DirectDrive
headphone technology that produces a ground-biased
analog audio output from a single supply, which allows
for driving the headphones directly from the amplifier
outputs without large DC-blocking capacitors. This fea-
ture saves board space, provides higher click/pop sup-
pression, and improves low-frequency (bass) response.
The architecture does not require the headphone jack
to be biased to a DC voltage and thus allows for a con-
ventional, grounded chassis design.
The MAX9850’s flexible clocking circuitry utilizes any
available system clock up to 40MHz, eliminating the
need for an external PLL and multiple crystal oscillators.
The DAC supports a wide range of sample rates from
8kHz to 48kHz in both master and slave modes, making
the MAX9850 the easiest to use and most versatile audio
DAC available. It can also be operated like traditional
synchronous DACs, at any integer-oversampling ratio.
The audio DAC receives input data over a flexible
3-wire interface that supports up to 32 bits of left-justi-
fied, right-justified, or I2S-compatible audio data. Stereo
audio line inputs are provided to either mix analog
audio with the digital input stream, or to drive the head-
phone outputs directly. Mode settings, headphone
amplifier volume controls, and shutdown for both the
headphone and line outputs are programmed through a
2-wire, I2C-compatible interface.
The MAX9850 is fully specified over the -40°C to +85°C
extended temperature range and is available in a low-
profile, 28-pin thin QFN package (5mm x 5mm x 0.8mm).
Applications
MP3/Portable Multimedia Players
Cell Phones/Smart Phones
Portable DVD Players
Features
♦ 1.8V to 3.6V Single-Supply Operation
♦ 30mW Stereo Headphone Output Power with
1.8V Supply
♦ DirectDrive Outputs Eliminate DC-Blocking
Capacitors
♦ 91dB PSRR at 1kHz
♦ Any Master Clock Up to 40MHz
♦ Flexible I2S-Compatible Digital Audio Interface
♦ I2C Headphone Volume and Mute Control
♦ Stereo Line Inputs and Outputs
♦ Clickless/Popless Operation
♦ 2-Wire (I2C)-Compatible Control Interface
♦ Available in 28-Pin Thin QFN Package
Stereo Audio DAC with DirectDrive
Headphone Amplifier
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3454; Rev 0; 11/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Purchase of I2C components from Maxim Integrated Products,
Inc. or one of its sublicensed Associated Companies, conveys
a license under the Philips I2C Patent Rights to use these com-
ponents in an I2C system, provided that the system conforms to
the I2C Standard Specification as defined by Philips.
PART
TEMP RANGE
PIN-PACKAGE
MAX9850ETI
-40°C to +85°C
28 Thin QFN-EP*
Pin Configuration appears at end of data sheet.
+
DAC
+
DAC
DIGITAL
AUDIO
DIGITAL
PLL
I2C
MAX9850
SDIN
BCLK
LRCLK
SDA
SCL
ADD
GPIO
LINE
OUT
LINE
OUT
OUTR
HPR
HPL
OUTL
INL
INR
1.8V TO 3.6V
MCLK
Block Diagram
*EP = Exposed Paddle. Package code T2855-6 (see Package
Information section).


Similar Part No. - MAX9850ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9850ETI++ MAXIM-MAX9850ETI+ Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results

Similar Description - MAX9850ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9779 MAXIM-MAX9779 Datasheet
540Kb / 19P
   2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
Rev 0; 7/05
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Maxim Integrated Produc...
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
   1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
MAX4409 MAXIM-MAX4409 Datasheet
430Kb / 19P
   80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
Rev 1; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com