Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9850ETI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9850ETI
Description  Stereo Audio DAC with DirectDrive Headphone Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9850ETI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9850ETI Datasheet HTML 1Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 2Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 3Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 4Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 5Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 6Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 7Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 8Page - Maxim Integrated Products MAX9850ETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Stereo Audio DAC with DirectDrive
Headphone Amplifier
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(DVDD = AVDD = PVDD = 3.0V, AGND = DGND = PGND = 0V, C1 = 0.47µF, C2 = 2.2µF, CNREG = CPREG = CREF = 1µF to AGND,
RLOAD_HP = 32
Ω to AGND, RLOAD_OUT = 10kΩ to AGND, fLRCLK = 48kHz, fMCLK = 12.288MHz, volume set to -9.5dB, TA = TMIN to
TMAX, unless otherwise noted. Typical specifications at TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HEADPHONE OUTPUTS (HPL, HPR)
RL = 16
AVDD = 3.0V
95
RL = 32
AVDD = 3.0V
40
65
RL = 16
AVDD = 1.8V
30
Output Power
OUT
THD+N = 1%
fIN = 1kHz, headphone
volume = +6dB
RL = 32
AVDD = 1.8V
15
25
mW
Full-Scale Headphone Amplifier
Output Voltage
VOUT_FS
Volume = +5dB, HP unloaded
1.16
1.23
1.30
VRMS
Line In to HP Output Voltage
Gain
AV_HP
Volume = +3dB, HP unloaded
1.34
1.41
1.48
V/V
RL = 32
Ω, POUT = 60mW, fIN = 1kHz
-94
Total Harmonic Distortion Plus
Noise
THD+N
RL = 16
Ω, POUT = 60mW, fIN = 1kHz
-90
dB
Unweighted
88
A-weighted
90
AVDD = 1.8V, unweighted
88
Signal-to-Noise Ratio (Note 5)
SNR
AVDD = 1.8V, A-weighted
91
dB
VRIPPLE = 100mVP-P, frequency = 1kHz,
applied to AVDD and PVDD
91
Power-Supply Rejection Ratio
PSRR
VRIPPLE = 100mVP-P, frequency = 20kHz,
applied to AVDD and PVDD
72
dB
Headphone Output Offset
Voltage
VOS_HP
Volume = -11.5dB
-20
0
+20
mV
Slew Rate
SR
0.47
V/µs
Maximum Capacitive Load
CL
No sustained oscillations
150
pF
Crosstalk
XTALK
RHP = 32
Ω, POUT = 3.5mW, fIN = 1kHz
(HPL to HPR) or (HPR to HPL)
-85
dB
Channel-to-Channel Gain
Matching
∆AV/AV
±0.05
dB
Internal Charge-Pump Oscillator
Frequency
fCP
550
667
775
kHz
Charge-Pump Operating
Frequency Range
Charge-pump clock derived from MCLK
550
775
kHz
Volume Control Range
-73.5
+6.0
dB


Similar Part No. - MAX9850ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9850ETI++ MAXIM-MAX9850ETI+ Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results

Similar Description - MAX9850ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9779 MAXIM-MAX9779 Datasheet
540Kb / 19P
   2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
Rev 0; 7/05
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Maxim Integrated Produc...
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
   1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
MAX4409 MAXIM-MAX4409 Datasheet
430Kb / 19P
   80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
Rev 1; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com