Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF5S9101NBR1 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MRF5S9101NBR1
Description  RF Power Field Effect Transistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF5S9101NBR1 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MRF5S9101NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF5S9101NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF5S9101NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF5S9101NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF5S9101NBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF5S9101NBR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF5S9101NBR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MRF5S9101NBR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MRF5S9101NBR1 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
RF Device Data
Freescale Semiconductor
MRF5S9101NR1 MRF5S9101NBR1
Figure 16. MRF5S9101NR1(NBR1) 800 MHz Test Circuit Component Layout
C1
VGG
800 MHz
MRF5S9101N
Rev 2
VDD
R2
R1
C4 C7
R3
C16
C17
C10
C22
C19
C21
C8
C5
C2
C14
C13
C11
C18
C20
C12
C15
C9
C6
C3
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor
signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have
no impact on form, fit or function of the current product.


Similar Part No. - MRF5S9101NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S9100MBR1 FREESCALE-MRF5S9100MBR1 Datasheet
442Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S9100MR1 FREESCALE-MRF5S9100MR1 Datasheet
442Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S9100NBR1 FREESCALE-MRF5S9100NBR1 Datasheet
442Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S9100NBR1 FREESCALE-MRF5S9100NBR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
442Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF5S9101NBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com