Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX98745 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MX98745
Description  100 BASE-TX/FX REPEATER CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX98745 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MX98745 Datasheet HTML 1Page - List of Unclassifed Manufacturers MX98745 Datasheet HTML 2Page - List of Unclassifed Manufacturers MX98745 Datasheet HTML 3Page - List of Unclassifed Manufacturers MX98745 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX98745 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX98745 Datasheet HTML 6Page - List of Unclassifed Manufacturers MX98745 Datasheet HTML 7Page - List of Unclassifed Manufacturers MX98745 Datasheet HTML 8Page - List of Unclassifed Manufacturers MX98745 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
MX98745
P/N:PM0427
REV. 1.4, JUL. 8, 1998
5.0 PIN DESCRIPTION
A. MX Data Transceiver (Am78965/Am78966 or MC68836), 98 pins
PAD #
Name
I/O
Description
24-28
TDAT[7:1][0:4]
O,
Transmit Data. These five outputs are 5B encoded transmit data sym
9-13
TTL
bols, driven at the rising edge of LSCLK.
155-159
TDAT4 is the Most Significant Bit.
142-146
128-132
113-117
98-102
30
LSCLK
I,
Local Synchrnous Clock. This pin supplies the frequency reference to
TTL
the MX98745 within same HUB. It should be driven by a crystal-
controlled 25M clock source.
18-22
RDAT[7:1][0:4]
I,
Receive Data. These 5 bit parallel data symbol from transceiver are
4-8
TTL
latched by the rising edge of RSCLK of each port.
150-154
RDAT4 is the Most Significant Bit.
137-141
122-126
107-111
92-96
15,2
RSCLK[7:0]
I,
Recovered Symbol Clock. This is a 25 MHz clock, which is derived
148,134
TTL
from the clock synchronization PLL circuit.
118,104
90,42
16,3,
SIGDET[7:1]
I,
Signal Detect. This signal indicates that the received signal is above
149,135,
TTL
the detection threshold and will be used for the link test state machine.
119,105,
91
31
Monitor
I,
Monitor Mode. Internal Pulldown. When this pin is set to one, LED
TTL
display pins LED[9:0] will be changed to monitor mode.
Table 5-1 Pin Description for XRCII


Similar Part No. - MX98745

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98741 MCNIX-MX98741 Datasheet
180Kb / 34P
   XRC 100 BASE-TX/FX REPEATER CONTROLLER
More results

Similar Description - MX98745

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98741 MCNIX-MX98741 Datasheet
180Kb / 34P
   XRC 100 BASE-TX/FX REPEATER CONTROLLER
logo
ASIX Electronics Corpor...
AX88850 ASIX-AX88850 Datasheet
420Kb / 39P
   100BASE-TX/FX Repeater Controller
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228 Datasheet
157Kb / 1P
   10/100 BASE - TX/FX OCTAL TRANSCEIVER
BCM5226 BOARDCOM-BCM5226 Datasheet
162Kb / 1P
   10/100 BASE TX/FX HEX TRANSCEIVER
logo
STMicroelectronics
STE800P STMICROELECTRONICS-STE800P Datasheet
54Kb / 4P
   10/100 BASE-TX/FX 8 PORT TRANSCEIVER
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
logo
National Semiconductor ...
DP83858 NSC-DP83858 Datasheet
291Kb / 37P
   100 Mb/s TX/T4 Repeater Interface Controller (100RIC8??
DP83850C NSC-DP83850C Datasheet
292Kb / 37P
   100 Mb/s TX/T4 Repeater Interface Controller (100RIC??
logo
Microchip Technology
KSZ8721BL MICROCHIP-KSZ8721BL Datasheet
572Kb / 44P
   3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
logo
Bothhand USA, LP.
16PT8517 BOTHHAND-16PT8517 Datasheet
54Kb / 1P
   100 BASE-TX TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com