Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1268 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1268
Description  500mA Fixed Output, Fast Response CMOS LDO with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1268 Datasheet(HTML) 2 Page - Microchip Technology

  TC1268 Datasheet HTML 1Page - Microchip Technology TC1268 Datasheet HTML 2Page - Microchip Technology TC1268 Datasheet HTML 3Page - Microchip Technology TC1268 Datasheet HTML 4Page - Microchip Technology TC1268 Datasheet HTML 5Page - Microchip Technology TC1268 Datasheet HTML 6Page - Microchip Technology TC1268 Datasheet HTML 7Page - Microchip Technology TC1268 Datasheet HTML 8Page - Microchip Technology TC1268 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC1268
DS21379B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage .........................................................6.5V
Power Dissipation................Internally Limited (Note 6)
Maximum Voltage on Any Pin ........ VIN +0.3V to -0.3V
Operating Temperature ............... -40°C < TJ < +125°C
Storage Temperature.......................... -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1268 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VIN =VOUT +1V, IL =100µA, CL =3.3µF, SHDN >VIH,TA = 25°C, unless otherwise noted. Boldface
type specifications apply for junction temperatures of -40°C to +125°C.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN
Input Operating Voltage
2.7
6.0
V
Note 8
IOUTMAX
Maximum Output Current
500
——
mA
VOUT
Output Voltage
VR –2.5%
VR ±0.5%
VR +2.5%
V
Note 1
∆V
OUT/∆TVOUT Temperature Coefficient
40
ppm/°C
Note 2
∆V
OUT/∆VIN
Line Regulation
0.05
0.35
%(VR +1V) ≤ VIN ≤ 6V
∆VOUT/VOUT
Load Regulation
0.002
0.01
%/mA
IL = 0.1mA to IOUTMAX (Note 3)
VIN-VOUT
Dropout Voltage
20
60
200
350
30
160
480
800
mV
IL =100µA
IL =100mA
IL =300mA
IL =500mA (Note 4)
IDD
Supply Current (Active Mode)
80
130
µASHDN =VIH,IL =0
ISHDN
Supply Current (Shutdown Mode)
5
µASHDN =0V
TWK
Wake-up Time
(from Shutdown Mode)
—5
10
µsec
VIN =3.5V, VOUT =2.5V
CIN =COUT =1µF
IL = 250mA (See Figure 3-2)
TS
Settling Time
(from Shutdown Mode)
—15
µsec
VIN =3.5V, VOUT =2.5V
CIN =COUT =1µF
IL = 250mA (See Figure 3-2)
PSRR
Power Supply Rejection Ratio
64
dB
FRE ≤ 1kHz
IOUTSC
Output Short Circuit Current
1200
1400
mA
VOUT =0V
∆VOUT/∆PD
Thermal Regulation
0.04
V/W
Note 5
eN
Output Noise
260
nV/
√Hz IL =IOUT
MAX
SHDN Input
VIH
SHDN Input High Threshold
45
——
%VIN
VIL
SHDN Input Low Threshold
15
%VIN
Note 1:
VR is the regulator output voltage setting.
2:
3:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range from
0.1mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal regulation
specification.
4:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at a 1V
differential.
5:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or
line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 msec.
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the
thermal resistance from junction-to-air (i.e., TA,TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to initiate
thermal shutdown. Please see Section 4.0 Thermal Considerations for more details.
7:
Hysteresis voltage is referenced to VR.
8:
The minimum VIN has to justify the conditions: VIN ≥ VR +VDROPOUT and VIN ≥ 2.7V for IL = 0.1mA to IOUTMAX.
TC VOUT =(VOUTMAX –VOUTMIN)x 10
6
VOUT x ∆T


Similar Part No. - TC1268

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC126 MICROCHIP-TC126 Datasheet
459Kb / 12P
   PFM Step-Up DC/DC Regulators
2002
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
More results

Similar Description - TC1268

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com