Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1268-2.5VOA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1268-2.5VOA
Description  500mA Fixed Output, Fast Response CMOS LDO with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1268-2.5VOA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1268-2.5VOA Datasheet HTML 3Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 4Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 5Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 6Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 7Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 8Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 9Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 10Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21379B-page 7
TC1268
5.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Fast Response TC1268
100
µsec/DIV; 15µsec Rise Time
Conditions:
V
OUT = 2.50V
V
IN = 3.50V
C
IN = COUT = 1µF
R
LOAD = 10Ω
SHDN
VOUT
Fast Response TC1268
SHDN
VOUT
10
µsec/DIV; 15µsec Rise Time
Conditions:
VOUT = 2.50V
VIN = 3.50V
CIN = COUT = 1µF
RLOAD = 10Ω


Similar Part No. - TC1268-2.5VOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC126 MICROCHIP-TC126 Datasheet
459Kb / 12P
   PFM Step-Up DC/DC Regulators
2002
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
More results

Similar Description - TC1268-2.5VOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com