Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65012 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65012
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65012 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65012 Datasheet HTML 3Page - Texas Instruments TPS65012 Datasheet HTML 4Page - Texas Instruments TPS65012 Datasheet HTML 5Page - Texas Instruments TPS65012 Datasheet HTML 6Page - Texas Instruments TPS65012 Datasheet HTML 7Page - Texas Instruments TPS65012 Datasheet HTML 8Page - Texas Instruments TPS65012 Datasheet HTML 9Page - Texas Instruments TPS65012 Datasheet HTML 10Page - Texas Instruments TPS65012 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
www.ti.com
(4)
I
(TERM) +
KSET
V
(SET_TERM)
R
(ISET)
TPS65012
SLVS504A – MARCH 2004 – REVISED JANUARY 2005
ELECTRICAL CHARACTERISTICS (continued)
Battery Charger, V
O(REG) + V(DO-MAX) ≤ V(CHG) = V(AC) or V(USB), I(TERM) < IO≤ 1 A, 0°C < TA< 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(SET_TAPER)
Voltage at ISET pin for charge TAPER detection
VI(OUT) > V(RCH), t < t(TAPER)
235
250
265
mV
Voltage at ISET pin for charger termination
V(SET_TERM)
VI(OUT) > V(RCH)
11
18
25
mV
detection(4)
V(CHG) min ≥ 4.5 V, charging current
increasing or decreasing above and
De-glitch time for I(TAPER)
250
375
500
ms
below; 100-ns fall time, 10-mV
overdrive
V(CHG) min ≥ 4.5 V, charging current
De-glitch time for I(TERM)
decreasing below;100-ns fall time,
250
375
500
ms
10-mV overdrive
TEMPERATURE COMPARATOR
V(LTF)
Low (cold) temperature threshold
2.475
2.50
2.525
V
V(HTF)
High (hot) temperature threshold
0.485
0.5
0.515
V
I(TS)
TS current source
95
102
110
µA
De-glitch time for temperature fault
250
375
500
ms
BATTERY RECHARGE THRESHOLD
VO(REG)
VO(REG)
VO(REG)
V(RCH)
Recharge threshold
V(CHG) min≥ 4.5 V
V
-0.115
-0.1
-0.085
V(CHG) min ≥ 4.5 V, VI(OUT) de-
De-glitch time
creasing below threshold; 100-ns fall
250
375
500
ms
time, 10-mV overdrive
TIMERS
t(PRECHG)
Precharge timer
V(CHG) min ≥ 4.5 V
1500
1800
2160
s
t(TAPER)
Taper timer
V(CHG) min≥ 4.5 V
1500
1800
2160
s
t(CHG)
Charge timer
V(CHG) min≥ 4.5 V
15000
18000
21600
s
SLEEP AND STANDBY
V(CHG)
V(SLP-ENTRY)
Sleep-mode entry threshold, PG output = high
2.3 V
≤ V
I(OUT) ≤ VO(REG)
VI(OUT)
V
+150 mV
V(CHG)
V(SLP_EXIT)
Sleep-mode exit threshold,PG output = low
2.3 V
≤ V
I(OUT) ≤ VO(REG)
VI(OUT)+19
V
0 mV
AC or USB decreasing below
De-glitch time for sleep mode entry and exit
threshold; 100-ns fall time, 10-mV
200
375
500
ms
overdrive
Delay between valid USB voltage being applied
t(USB_DEL)
375
ms
and start of charging process from USB
CHARGER POWER-ON-RESET, UVLO, AND V(IN) RAMP RATE
V(CHGUVLO)
Charger under-voltage lockout
V(CHG) decreasing
2.27
2.5
2.75
V
Hysteresis
27
mV
V(CHGOVLO)
Charger over-voltage lockout
V(AC) increasing
6.6
V
Hysteresis
0.5
V
CHARGER OVER TEMPERATURE SUSPEND
Temperature at which charger suspends
T(suspend)
145
°C
operation
T(hyst)
Hysteresis of suspend threshold
20
°C
LOGIC SIGNALS DEFMAIN, DEFCORE, PS_SEQ, IFLSB
VIH
High level input voltage
IIH = 20 µA
VCC-0.5
VCC
V
VIL
Low level input voltage
IIL = 10 µA
0
0.4
V
IIB
Input bias current
0.01
1.0
µA
LOGIC SIGNALS GPIO1-4
IOL = 1 mA, configured as an
VOL
Low level output voltage
0.3
V
open-drain output
7


Similar Part No. - TPS65012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65012RGZR TI1-TPS65012RGZR Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65012RGZRG4 TI1-TPS65012RGZRG4 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65012RGZT TI1-TPS65012RGZT Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
More results

Similar Description - TPS65012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65010 TI1-TPS65010_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com