Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65012 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65012
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65012 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65012 Datasheet HTML 7Page - Texas Instruments TPS65012 Datasheet HTML 8Page - Texas Instruments TPS65012 Datasheet HTML 9Page - Texas Instruments TPS65012 Datasheet HTML 10Page - Texas Instruments TPS65012 Datasheet HTML 11Page - Texas Instruments TPS65012 Datasheet HTML 12Page - Texas Instruments TPS65012 Datasheet HTML 13Page - Texas Instruments TPS65012 Datasheet HTML 14Page - Texas Instruments TPS65012 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
www.ti.com
TPS65012
SLVS504A – MARCH 2004 – REVISED JANUARY 2005
PIN ASSIGNMENTS (continued)
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
CHARGER SECTION
PWRFAIL
O
Open-drain output. Active low when UVLO comparator indicates low VBAT condition or
34
when shutdown is about to occur due to an overtemperature condition or when the battery
cover is removed (BATT_COVER has gone low).
INT
O
Indicates a charge fault or termination, or if any of the regulator outputs are below the lower
35
tolerance level, active low (open drain)
LOW_PWR
36
I
Input signal indicating deep sleep mode, VCORE is lowered to predefined value or disabled
DEFMAIN
12
I
Input signal indicating default VMAIN voltage, 0 = 3.0 V, 1 = 3.3 V
DEFCORE
1
I
Input signal indicating default VCORE voltage, 0 = 1.5 V, 1 = 1.6 V
SCLK
30
I
Serial interface clock line
SDAT
29
I/O
Serial interface data/address
IFLSB
28
I
LSB of serial interface address used to distinguish two devices with the same address
GPIO1
26
I/O
General-purpose open-drain input/output
GPIO2
25
I/O
General-purpose open-drain input/output
GPIO3
18
I/O
General-purpose open-drain input/output
GPIO4
17
I/O
General-purpose open-drain input/output
11


Similar Part No. - TPS65012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65012RGZR TI1-TPS65012RGZR Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65012RGZRG4 TI1-TPS65012RGZRG4 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65012RGZT TI1-TPS65012RGZT Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
More results

Similar Description - TPS65012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65010 TI1-TPS65010_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com