Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6433B Datasheet(PDF) 8 Page - ATMEL Corporation

Part # U6433B
Description  FLASHER, 18-M SHUNT, FREQUENCY DOUBLING DISABLING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6433B Datasheet(HTML) 8 Page - ATMEL Corporation

  U6433B Datasheet HTML 1Page - ATMEL Corporation U6433B Datasheet HTML 2Page - ATMEL Corporation U6433B Datasheet HTML 3Page - ATMEL Corporation U6433B Datasheet HTML 4Page - ATMEL Corporation U6433B Datasheet HTML 5Page - ATMEL Corporation U6433B Datasheet HTML 6Page - ATMEL Corporation U6433B Datasheet HTML 7Page - ATMEL Corporation U6433B Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Printed on recycled paper.
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company’s standard
warranty which is detailed in Atmel’s Terms and Conditions located on the Company’s web site. The Company assumes no responsibility for any
errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and
does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are
granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel’s products are not authorized for use
as critical components in life support devices or systems.
Atmel Corporation
Atmel Operations
2325 Orchard Parkway
San Jose, CA 95131, USA
Tel: 1(408) 441-0311
Fax: 1(408) 487-2600
Regional Headquarters
Europe
Atmel Sarl
Route des Arsenaux 41
Case Postale 80
CH-1705 Fribourg
Switzerland
Tel: (41) 26-426-5555
Fax: (41) 26-426-5500
Asia
Room 1219
Chinachem Golden Plaza
77 Mody Road Tsimshatsui
East Kowloon
Hong Kong
Tel: (852) 2721-9778
Fax: (852) 2722-1369
Japan
9F, Tonetsu Shinkawa Bldg.
1-24-8 Shinkawa
Chuo-ku, Tokyo 104-0033
Japan
Tel: (81) 3-3523-3551
Fax: (81) 3-3523-7581
Memory
2325 Orchard Parkway
San Jose, CA 95131, USA
Tel: 1(408) 441-0311
Fax: 1(408) 436-4314
Microcontrollers
2325 Orchard Parkway
San Jose, CA 95131, USA
Tel: 1(408) 441-0311
Fax: 1(408) 436-4314
La Chantrerie
BP 70602
44306 Nantes Cedex 3, France
Tel: (33) 2-40-18-18-18
Fax: (33) 2-40-18-19-60
ASIC/ASSP/Smart Cards
Zone Industrielle
13106 Rousset Cedex, France
Tel: (33) 4-42-53-60-00
Fax: (33) 4-42-53-60-01
1150 East Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906, USA
Tel: 1(719) 576-3300
Fax: 1(719) 540-1759
Scottish Enterprise Technology Park
Maxwell Building
East Kilbride G75 0QR, Scotland
Tel: (44) 1355-803-000
Fax: (44) 1355-242-743
RF/Automotive
Theresienstrasse 2
Postfach 3535
74025 Heilbronn, Germany
Tel: (49) 71-31-67-0
Fax: (49) 71-31-67-2340
1150 East Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906, USA
Tel: 1(719) 576-3300
Fax: 1(719) 540-1759
Biometrics/Imaging/Hi-Rel MPU/
High Speed Converters/RF Datacom
Avenue de Rochepleine
BP 123
38521 Saint-Egreve Cedex, France
Tel: (33) 4-76-58-30-00
Fax: (33) 4-76-58-34-80
Literature Requests
www.atmel.com/literature
4810A–AUTO–03/04
© Atmel Corporation 2004. All rights reserved.
Atmel
® and combinations thereof are the registered trademarks of Atmel Corporation or its subsidiaries.
Other terms and product names may be the trademarks of others.


Similar Part No. - U6433B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6433B TEMIC-U6433B Datasheet
123Kb / 5P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
ATMEL Corporation
U6433B ATMEL-U6433B Datasheet
195Kb / 8P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
TEMIC Semiconductors
U6433B-FP TEMIC-U6433B-FP Datasheet
123Kb / 5P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
ATMEL Corporation
U6433B ATMEL-U6433B_05 Datasheet
195Kb / 8P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
More results

Similar Description - U6433B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6433B ATMEL-U6433B_05 Datasheet
195Kb / 8P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
TEMIC Semiconductors
U6433B TEMIC-U6433B Datasheet
123Kb / 5P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
U644B TEMIC-U644B Datasheet
202Kb / 6P
   Flasher, 18-m Shunt, Extremly Low Current Consumption
logo
ATMEL Corporation
U6432B ATMEL-U6432B Datasheet
199Kb / 9P
   Low-power Flasher IC with 18-m Shunt
U6043B ATMEL-U6043B_05 Datasheet
248Kb / 8P
   Flasher IC with 18-mOHM Shunt
U6043B ATMEL-U6043B Datasheet
221Kb / 9P
   FLASHER IC WITH 19-M SHUNT
logo
Data Delay Devices, Inc...
FDU-2 DATADELAY-FDU-2 Datasheet
114Kb / 1P
   FREQUENCY DOUBLING UNIT
logo
ATMEL Corporation
U6432B ATMEL-U6432B_06 Datasheet
216Kb / 9P
   Low-power Flasher IC with 18-mOHM Shunt
U643B ATMEL-U643B_05 Datasheet
251Kb / 9P
   Flasher, 30-mohm Shunt
U643B ATMEL-U643B Datasheet
57Kb / 5P
   Flasher, 30-mohm Shunt
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com