Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE2476 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # XE2476
Description  2400 bps Plug-In Upgrade to CH1776
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE2476 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  XE2476 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE2476 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE2476 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE2476 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE2476 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE2476 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE2476 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE2476 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE2476 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Command Line Editing - The backspace can be used to edit a command line before it is
executed. The backspace key, (Control and H simultaneously on some systems), erases
the previous character in the command line. Register S5 allows the user to select a
character other than a backspace to edit the command line.
Re-Execute Last Command - The A/ command causes the modem to reexecute the last
command line. This is the only command which does not require the "AT" prefix.
Ommitted Parameters - Most commands include a parameter which determines how the
functions will be set. When the command parameter is omitted from the command string, it
is assumed to be a 0.
Escape Characters - A 3 character escape sequence maybe entered while in data mode to
switch the modem into command mode while on line. The escape character, set by Register
S2, must be entered 3 times in succession within a 1 second guard time to execute the
escape. The default escape sequence is "+++."
Result Codes - The modem issues a result code after each action. Result codes may be
provided as full words, numeric codes or may be disabled all together. Each result code
ends with a carriage return when numeric resul codes are chosen. When full word result
XE2476
XECOM\5
AT Command List
An asterisk indicates the factory default
A - Answer Command -
Bn - Select Communications Standard
n=0 Selects CCITT standards
n=1 Selects Bell standards*
D - Dial Command -
P = Pulse dial
T =
Tone dial
R =
Connect as an answering modem
W =
Wait for dial tone
,
=
Pause for the duration of S8
@ =
Wait for silence
!
=
Switch hook flash
;
=
Return to the command state
En - Command Echo
n=0 Do not echo commands
n=1 Enable command echo*
Hn - Switch Hook Control -
n=0 Switch hook relay closes*
n=1 The switch hook relay opens
In - Modem Identification
Ln - Speaker Volume -
n=0
Low speaker volume
n=1
Low speaker volume
n=2
Moderate speaker volume*
n=3
High speaker volume


Similar Part No. - XE2476

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2401L ETC-XE2401L Datasheet
80Kb / 12P
   2400bps Serial Input Component Modem
XE2420 ETC-XE2420 Datasheet
84Kb / 16P
   2400 BPS Surface-Mountable Integrated Sealed-Hybrid Modem
XE2420-ITR ETC-XE2420-ITR Datasheet
84Kb / 16P
   2400 BPS Surface-Mountable Integrated Sealed-Hybrid Modem
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
   Low-Cost, 2400 BPS Surface-Mount Modem
More results

Similar Description - XE2476

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC6173 MOTOROLA-MC6173 Datasheet
843Kb / 15P
   2400 bps DIGITAL DEMODULATOR
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
   Miniature 2400 bps Modem Module
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
   2400/1200 bps Single Chip MSK Modem
logo
List of Unclassifed Man...
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
   Low-Cost, 2400 BPS Surface-Mount Modem
logo
Intel Corporation
89024 INTEL-89024 Datasheet
1Mb / 30P
   ARCHITECTURAL OVERVIEW 2400 BPS INTELLIGENT MODEM CHOP SET
logo
List of Unclassifed Man...
XE2420 ETC-XE2420 Datasheet
84Kb / 16P
   2400 BPS Surface-Mountable Integrated Sealed-Hybrid Modem
logo
Silicon Laboratories
CP2105 SILABS-CP2105 Datasheet
206Kb / 24P
   Data format: 8 data bits, 1 stop bit Parity: Even, Pdd, No parity Baud rates: 2400 bps to 921600 bps
logo
List of Unclassifed Man...
ML7012-06 ETC2-ML7012-06 Datasheet
298Kb / 23P
   2400 bps Single Chip Full Duplex Data Modem with Protocol
logo
OKI electronic componet...
ML7012 OKI-ML7012 Datasheet
155Kb / 22P
   2400 bps Single Chip Full Duplex Data Modem with Protocol
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com