Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK974L Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SK974L
Description  Silicon N-Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK974L Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SK974L Datasheet HTML 1Page - Hitachi Semiconductor 2SK974L Datasheet HTML 2Page - Hitachi Semiconductor 2SK974L Datasheet HTML 3Page - Hitachi Semiconductor 2SK974L Datasheet HTML 4Page - Hitachi Semiconductor 2SK974L Datasheet HTML 5Page - Hitachi Semiconductor 2SK974L Datasheet HTML 6Page - Hitachi Semiconductor 2SK974L Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Table 2 Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
———————————————————————————————————————————
Drain to source breakdown
V(BR)DSS
60
V
ID = 10 mA, VGS = 0
voltage
———————————————————————————————————————————
Gate to source breakdown
V(BR)GSS
±20
V
IG = ±100 µA, VDS = 0
voltage
———————————————————————————————————————————
Gate to source leak current
IGSS
±10
µA
VGS = ±16 V, VDS = 0
———————————————————————————————————————————
Zero gate voltage drain current
IDSS
100
µA
VDS = 50 V, VGS = 0
———————————————————————————————————————————
Gate to source cutoff voltage
VGS(off)
1.0
2.0
V
ID = 1 mA, VDS = 10 V
———————————————————————————————————————————
Static drain to source on state
RDS(on)
0.15
0.18
ID = 2 A, VGS = 10 V *
resistance
———————
——————————–
0.20
0.25
ID = 2 A, VGS = 4 V *
———————————————————————————————————————————
Forward transfer admittance
|yfs|
2.4
4.0
S
ID = 2 A, VDS = 10 V *
———————————————————————————————————————————
Input capacitance
Ciss
400
pF
VDS = 10 V, VGS = 0,
————————————————————————————————
Output capacitance
Coss
230
pF
f = 1 MHz
————————————————————————————————
Reverse transfer capacitance
Crss
60
pF
———————————————————————————————————————————
Turn-on delay time
td(on)
—5
ns
ID = 2 A, VGS = 10 V,
————————————————————————————————
Rise time
tr
25
ns
RL = 15 Ω
————————————————————————————————
Turn-off delay time
td(off)
180
ns
————————————————————————————————
Fall time
tf
—75
ns
———————————————————————————————————————————
Body to drain diode forward
VDF
0.9
V
IF = 3 A, VGS = 0
voltage
———————————————————————————————————————————
Body to drain diode reverse
trr
85
ns
IF = 3 A, VGS = 0,
recovery time
diF/dt = 50 A/µs
———————————————————————————————————————————
* Pulse Test
2SK974 L , 2SK974 S


Similar Part No. - 2SK974L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK974L ISC-2SK974L Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK974L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com