Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE858M Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE858M
Description  Integrated Circuit Dual, Low-Noise JFET-Input Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE858M Datasheet(HTML) 1 Page - NTE Electronics

  NTE858M Datasheet HTML 1Page - NTE Electronics NTE858M Datasheet HTML 2Page - NTE Electronics NTE858M Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE858M
NTE858SM
Integrated Circuit
Dual, Low–Noise JFET–Input Operational Amplifier
Description:
The NTE858M and NTE858SM are dual, low–noise JFET input operational amplifiers combining two
state–of–the–art linear technologies on a single monolithic integrated circuit. Each internally com-
pensated operational amplifier has well matched high voltage JFET input devices for low input offset
voltage. The BIFET technology provides wide bandwidths and fast slew rates with low input bias cur-
rents, input offset currents, and supply currents. Moreover, these devices exhibit low–noise and low
harmonic distortion making them ideal for use in high–fidelity audio amplifier applications.
Features:
D Available in Two Different Package Types:
8–Lead Mini DIP (NTE858M)
SOIC–8 Surface Mount (NTE858SM)
D Low Input Noise Voltage: 18nV√Hz Typ
D Low Harmonic Distortion: 0.01% Typ
D Low Input Bias and Offset Currents
D High Input Impedance: 1012Ω Typ
D High Slew Rate: 13V/µs Typ
D Wide Gain Bandwidth: 4MHz Typ
D Low Supply Current: 1.4mA per Amp
Absolute Maximum Ratings:
Supply Voltage
VCC
+18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VEE
–18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Input Voltage, VID
±30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage Range (Note 1), VIDR
±15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Short–Circuit Duration (Note 2), tS
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
680mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above TA = +47°C
10mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, TA
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. The magnitude of the input voltage must not exceed the magnitude of the supply voltage or
15V, whichever is less.
Note 2. The output may be shorted to GND or either supply. Temperature and/or supply voltages
must be limited to ensure that power dissipation ratungs are not exceeded.


Similar Part No. - NTE858M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE85 NTE-NTE85 Datasheet
20Kb / 2P
   Silicon NPN Transistor General Purpose Amplifier
NTE851 NTE-NTE851 Datasheet
22Kb / 2P
   Integrated Circuit VHF/UHF Prescaler
NTE853 NTE-NTE853 Datasheet
23Kb / 2P
   Integrated Circuit Low Power, Narrow Band, FM IF System
NTE8542 NTE-NTE8542 Datasheet
82Kb / 4P
   Integrated Circuit Tri−State Quad I/O Register
NTE855 NTE-NTE855 Datasheet
25Kb / 3P
   Integrated Circuit Color TV Video Monitor
More results

Similar Description - NTE858M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE857M NTE-NTE857M Datasheet
28Kb / 3P
   Integrated Circuit Low-Noise JFET-Input Operational Amplifier
NTE859 NTE-NTE859 Datasheet
30Kb / 3P
   Integrated Circuit Quad, Low Noise, JFET Input Operational Amplifier
NTE937M NTE-NTE937M Datasheet
32Kb / 3P
   Integrated Circuit JFET Input Operational Amplifier
NTE937 NTE-NTE937 Datasheet
34Kb / 3P
   Integrated Circuit JFET Input Operational Amplifier
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL072-EP TI-TL072-EP_15 Datasheet
864Kb / 20P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
Mitsubishi Electric Sem...
M5238FP MITSUBISHI-M5238FP Datasheet
156Kb / 4P
   DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
logo
NTE Electronics
NTE894M NTE-NTE894M Datasheet
28Kb / 3P
   Integrated Circuit Low Noise Operational Amplifier
logo
Diodes Incorporated
TL072 DIODES-TL072 Datasheet
186Kb / 11P
   LOW NOISE JFET INPUT OPERATIONAL
TL072 Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com