Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1666 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SD1666
Description  LOW FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1666 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SD1666 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1666 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1666 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1666 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SB1133 / 2SD1666
No.3031-1/4
Features
Wide ASO(Adoption of MBIT process).
Micaless package facilitating easy mounting.
High reliability.
Specifications
( ) : 2SB1133
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(
)60
V
Collector-to-Emitter Voltage
VCEO
(
)60
V
Emitter-to-Base Voltage
VEBO
(
)6
V
Collector Current
IC
(
)3
A
Collector Current (Pulse)
ICP
(
)8
A
Collector Dissipation
PC
2W
Tc=25
°C25
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−40 to +150
°C
Electrical Characteristics a t Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0
(--)100
µA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0
(--)100
µA
DC Current Gain
hFE(1)
VCE=(--)5V, IC=(--)0.5A
*70
*280
hFE(2)
VCE=(--)5V, IC=(--)3A
20
Continued on next page.
* : The 2SB1133 / 2SD1666 are classified by 0.5A hFE as follows :
Rank
Q
R
S
hFE
70 to 140 100 to 200 140 to 280
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN3031A
2SB1133 / 2SD1666
Low-Frequency
General-Purpose Amplifier Applications
Package Dimensions
unit : mm
2041A
[2SB1133 / 2SD1666]
72501 GI IM
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-220ML
1.6
1.2
0.75
10.0
3.2
2.55
2.55
2.4
4.5
2.8
0.7
2.55
2.55
1
23
PNP / NPN Triple Diffused Planar Silicon Transistors


Similar Part No. - 2SD1666

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SD1666 SAVANTIC-2SD1666 Datasheet
249Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1666 ISC-2SD1666 Datasheet
164Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1666 SAVANTIC-2SD1666 Datasheet
251Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1666

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3101C SANYO-EC3101C Datasheet
35Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
15C01SS SANYO-15C01SS_12 Datasheet
514Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
50C02CH SANYO-50C02CH Datasheet
56Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
logo
Unisonic Technologies
2SK303 UTC-2SK303_11 Datasheet
131Kb / 2P
   LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
12A02CH SANYO-12A02CH Datasheet
41Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
08C02SS SANYO-08C02SS Datasheet
30Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A01SS SANYO-12A01SS Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02MH SANYO-12A02MH Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
50A02CH SANYO-50A02CH Datasheet
33Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
30A01SP SANYO-30A01SP Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02CH SANYO-12A02CH_12 Datasheet
520Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com