Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE870 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE870
Description  Integrated Circuit Dual Operational Transconductance Amp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE870 Datasheet(HTML) 1 Page - NTE Electronics

  NTE870 Datasheet HTML 1Page - NTE Electronics NTE870 Datasheet HTML 2Page - NTE Electronics NTE870 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE870
Integrated Circuit
Dual Operational Transconductance Amp
Description:
The NTE870 consists of two current controlled transconductance amplifiers each with differential in-
puts and a push–pull output. The two amplifiers share common supplies but otherwise operate inde-
pendently. Linearizing diodes are provided at the inputs to reduce distortion and allow higher input
levels resulting in a 10dB signal–to–noise improvement referenced to 0.5 percent THD. Controlled
impedance buffers are provided which are especially designed to complement the dynamic range of
the amplifiers.
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, V+/V–
36V or
±18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Input Voltage, VID
±5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Diode Bias Current, ID
2mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Amp Bias Current, IABC
2mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Buffer Output Current, Io
20mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
570mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Input Voltage, VIN
V+ to V–
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, V+/V– = ±15V, IABC = 500µA unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage (VOS)
VIO
0.4
5.0
mV
Input Offset Voltage
IABC = 5µA
0.3
5.0
mV
VOS Including Diodes
Diode Base Current, ID = 500µA
0.5
5.0
mV
Input Offset Change
5
µA ≤ IABC ≤ 500µA
0.1
mV
Input Bias Current
IB
0.4
5.0
µA
TA = –20° to +75°C
1.0
8.0
µA


Similar Part No. - NTE870

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE87 NTE-NTE87 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
NTE871 NTE-NTE871 Datasheet
28Kb / 3P
   Integrated Circuit Wideband High Speed Operational Amp
NTE874 NTE-NTE874 Datasheet
43Kb / 7P
   Integrated Circuit TV Horiz/Vert Countdown System Circuit
NTE875 NTE-NTE875 Datasheet
32Kb / 4P
   Integrated Circuit Video IF Amplifier/PLL Detector System
NTE876 NTE-NTE876 Datasheet
26Kb / 2P
   Linear Integrated Circuit LED Flasher/Oscillator
More results

Similar Description - NTE870

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE902 NTE-NTE902 Datasheet
25Kb / 3P
   Integrated Circuit Operational Transconductance Amplifier
NTE996 NTE-NTE996 Datasheet
23Kb / 3P
   Linear Integrated Circuit Operational Transconductance Amplifier
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
Texas Instruments
LM13700 TI1-LM13700_16 Datasheet
2Mb / 37P
[Old version datasheet]   Dual Operational Transconductance Amplifiers
logo
NTE Electronics
NTE945 NTE-NTE945 Datasheet
75Kb / 3P
   Integrated Circuit Operational Amp
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com