Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS93C86A-3PI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS93C86A-3PI
Description  8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C86A-3PI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS93C86A-3PI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C86A-3PI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C86A-3PI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C86A-3PI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C86A-3PI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C86A-3PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS93C86A-3PI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS93C86A-3PI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS93C86A-3PI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. 00F
05/26/05
IS93C76A
IS93C86A
ISSI®
AC ELECTRICAL CHARACTERISTICS
TA = –40°C to +125°C for Automotive
Symbol
Parameter
Test Conditions
Vcc
Min.
Max.
Unit
fSK
SK Clock Frequency
2.5V to 5.5V
0
2
Mhz
4.5V to 5.5V
0
3
Mhz
tSKH
SK HIGH Time
2.5V to 5.5V
200
ns
4.5V to 5.5V
200
ns
tSKL
SK LOW Time
2.5V to 5.5V
200
ns
4.5V to 5.5V
100
ns
tCS
Minimum CS LOW Time
2.5V to 5.5V
200
ns
4.5V to 5.5V
200
ns
tCSS
CS Setup Time
Relative to SK
2.5V to 5.5V
100
ns
4.5V to 5.5V
50
ns
tDIS
Din Setup Time
Relative to SK
2.5V to 5.5V
50
ns
4.5V to 5.5V
50
ns
tCSH
CS Hold Time
Relative to SK
2.5V to 5.5V
0
ns
4.5V to 5.5V
0
ns
tDIH
Din Hold Time
Relative to SK
2.5V to 5.5V
50
ns
4.5V to 5.5V
50
ns
tPD1
Output Delay to “1”
AC Test
2.5V to 5.5V
200
ns
4.5V to 5.5V
100
ns
tPD0
Output Delay to “0”
AC Test
2.5V to 5.5V
200
ns
4.5V to 5.5V
100
ns
tSV
CS to Status Valid
AC Test
2.5V to 5.5V
200
ns
4.5V to 5.5V
200
ns
tDF
CS to Dout in 3-state
AC Test, CS=VIL
2.5V to 5.5V
100
ns
4.5V to 5.5V
100
ns
tWP
Write Cycle Time
2.5V to 5.5V
5ms
4.5V to 5.5V
5ms
Notes:
1. C L = 100pF
2. The devices IS9376A/86A-3 are tested to meet the timing values of both 2.5V-5.5V and 4.5V-5.5V.


Similar Part No. - IS93C86A-3PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3G ISSI-IS93C46-3G Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GI ISSI-IS93C46-3GI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GR ISSI-IS93C46-3GR Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GRI ISSI-IS93C46-3GRI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C86A-3PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com