Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS93C86A-3ZI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS93C86A-3ZI
Description  8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C86A-3ZI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS93C86A-3ZI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS93C86A-3ZI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C86A-3ZI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C86A-3ZI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C86A-3ZI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C86A-3ZI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C86A-3ZI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C86A-3ZI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C86A-3ZI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. 00F
05/26/05
IS93C76A
IS93C86A
ISSI®
Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
8K-BIT/16K-BIT SERIAL ELECTRICALLY
ERASABLE PROM
Preliminary Information
MAY 2005
FUNCTIONAL BLOCK DIAGRAM
CS
SK
DIN
DOUT
DUMMY
BIT
R/W
AMPS
DATA
REGISTER
ADDRESS
REGISTER
ADDRESS
DECODER
WRITE
ENABLE
HIGH VOLTAGE
GENERATOR
INSTRUCTION
DECODE,
CONTROL,
AND
CLOCK
GENERATION
EEPROM
ARRAY
1024/2048x8
512/1024x16
INSTRUCTION
REGISTER
FEATURES
• Industry-standard Microwire Interface
— Non-volatile data storage
— Low voltage operation:
Vcc = 1.8V to 5.5V -2
Vcc = 2.5V to 5.5V -3
— Full TTL compatible inputs and outputs
— Auto increment for efficient data dump
• User Configured Memory Organization
— By 16-bit or by 8-bit
• Hardware and software write protection
— Defaults to write-disabled state at power-up
— Software instructions for write-enable/disable
• Enhanced low voltage CMOS E2PROM
technology
• Versatile, easy-to-use Interface
— Self-timed programming cycle
— Automatic erase-before-write
— Programming status indicator
— Word and chip erasable
— Chip select enables power savings
• Durable and reliable
— 40-year data retention after 1M write cycles
— 1 million write cycles
— Unlimited read cycles
— Schmitt-trigger Inputs
• Industrial and Automotive Temperature Grade
• Lead-free available
DESCRIPTION
IS93C76A/86A are 8kb/16kb non-volatile, ISSI ®
serial EEPROMs. They are fabricated using an
enhanced CMOS design and process. IS93C76A/
86A contains power-efficient read/write memory,
and organization of either 1,024/2,048 bytes of 8
bits or 512/1,024 words of 16 bits. When the
ORG pin is connected to Vcc or left unconnected,
x16 is selected; when it is connected to ground,
x8 is selected.
An instruction set defines the operation of the
devices, including read, write, and mode-enable
functions. To protect against inadvertent data
modification, all erase and write instructions are
accepted only while the device are write-enabled.
A selected x8 byte or x16 word can be modified
with a single WRITE or ERASE instruction.
Additionally, the two instructions WRITE ALL or
ERASE ALL can program an entire array. Once a
device begins its self-timed program procedure,
the data out pin (Dout) can indicate the READY/
BUSY status by raising chip select (CS). The self-
timed write cycle includes an automatic erase-
before-write capability. The devices can output
any number of consecutive bytes/words using a
single READ instruction.


Similar Part No. - IS93C86A-3ZI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3G ISSI-IS93C46-3G Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GI ISSI-IS93C46-3GI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GR ISSI-IS93C46-3GR Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GRI ISSI-IS93C46-3GRI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C86A-3ZI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com