Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS93C76A-3GRLA3 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS93C76A-3GRLA3
Description  8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C76A-3GRLA3 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS93C76A-3GRLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS93C76A-3GRLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C76A-3GRLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C76A-3GRLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C76A-3GRLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C76A-3GRLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C76A-3GRLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C76A-3GRLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C76A-3GRLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. 00F
05/26/05
IS93C76A
IS93C86A
ISSI®
CAPACITANCE
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
pF
COUT
Output Capacitance
VOUT = 0V
5
pF
OPERATING RANGE
Range
Ambient Temperature
V CC
Industrial
–40°Cto+85°C
1.8V to 5.5V or 2.5V to 5.5V
Automotive
–40°Cto+125°C
2.5V to 5.5V
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VS
Supply Voltage
–0.5 to +6.5
V
VP
Voltage on Any Pin
–0.5 to Vcc + 0.5
V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Output Current
5
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.


Similar Part No. - IS93C76A-3GRLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3G ISSI-IS93C46-3G Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GI ISSI-IS93C46-3GI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GR ISSI-IS93C46-3GR Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GRI ISSI-IS93C46-3GRI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C76A-3GRLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com