Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE879 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE879
Description  Integrated Circuit RGB to PAL/NTSC Encoder for Color TV
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE879 Datasheet(HTML) 2 Page - NTE Electronics

  NTE879 Datasheet HTML 1Page - NTE Electronics NTE879 Datasheet HTML 2Page - NTE Electronics NTE879 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (VCC = 12V, TA = +25°C unless otherwise specifed)
Parameter
Pin Number/Test Conditions
Min
Typ Max
Unit
Supply Current
Pin14
32
mA
Oscillator Amplitude
Pin18
0.5
VP–P
External Subcarrier Input
Oscillator Components Removed, Pin17
0.25
VRMS
Subcarrier Input
Resistance
Pin17
5.0
k
Capacitance
2.0
pF
Modulation Angle
(R–Y) to (B–Y)
85
90
95
Degrees
Angle Adjustment
(R–Y), Pin19
0.25
Deg/
µA
R, G, B Input
100% Color Saturation Pin3, Pin4, Pin5
0.95
1.0
1.05
VP–P
R, G, B Input
Resistance
Pin3, Pin4, Pin5
10
k
Capacitance
2.0
pF
Sync Threshold
Pin2
1.7
V
Sync Input Resistance
Input > 1.7V, Pin2
10
k
Chroma Output Level
100% Saturation. Pin13
1.0
VP–P
Chroma Output Resistance
Pin13
80
Chroma Input
Resistance
Pin10
10
k
Capacitance
2.0
pF
Composite Output
Sync
100% Saturation, Pin9
0.6
VP–P
Luminance
1.4
VP–P
Chroma
1.7
VP–P
Burst
0.6
VP–P
Output Impedance
Pin9, Note 1
100
Luminance Bandwidth
3dB, Less Delay Line, Pin9
8.0
MHz
Subcarrier Leakage in Output
Pin9
40
mVP–P
Note 1. Output impedance can be reduced to less than 10
Ω by using a 150Ω output load from Pin9
to GND. Power supply current will increase to about 60mA.


Similar Part No. - NTE879

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE87 NTE-NTE87 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
NTE870 NTE-NTE870 Datasheet
25Kb / 3P
   Integrated Circuit Dual Operational Transconductance Amp
NTE871 NTE-NTE871 Datasheet
28Kb / 3P
   Integrated Circuit Wideband High Speed Operational Amp
NTE874 NTE-NTE874 Datasheet
43Kb / 7P
   Integrated Circuit TV Horiz/Vert Countdown System Circuit
NTE875 NTE-NTE875 Datasheet
32Kb / 4P
   Integrated Circuit Video IF Amplifier/PLL Detector System
More results

Similar Description - NTE879

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Analog Devices
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
BA7230LS ROHM-BA7230LS Datasheet
138Kb / 8P
   NTSC color TV signal encoder
logo
Samsung semiconductor
KA2195D SAMSUNG-KA2195D Datasheet
84Kb / 7P
   RGB ENCODER FOR NTSC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com