Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH5110-30 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SFH5110-30
Description  IR-Receiver for Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SFH5110-30 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SFH5110-30 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFH5110-30 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFH5110-30 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFH5110-30 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFH5110-30 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFH5110-30 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFH5110-30 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SFH 5110, SFH 5111
2001-12-10
7
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
Published by OSRAM Opto Semiconductors GmbH & Co. OHG
Wernerwerkstrasse 2, D-93049 Regensburg
© All Rights Reserved.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
1 , may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS.
1 A critical component is a component usedin a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered.
GEOY6985
1.3 (0.051)
6.1 (0.240)
24.4 (0.961)
23.4 (0.921)
1.1 (0.043)
5.9 (0.232)
1
2
3
32.0 (1.260)
30.0 (1.181)
Pinning SFH 5110
1 OUT
2 GND
3
Pinning SFH 5111
CC
V
VCC
3 GND
1 OUT
2


Similar Part No. - SFH5110-30

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH5110-30 INFINEON-SFH5110-30 Datasheet
48Kb / 7P
   IR-Receiver for Remote Control Systems
2000-01-01
logo
OSRAM GmbH
SFH5110-30 OSRAM-SFH5110-30 Datasheet
144Kb / 9P
   IR-Empfanger fur Fernbedienungen IR-Receiver for Remote Control Systems Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - SFH5110-30

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH5110 INFINEON-SFH5110 Datasheet
48Kb / 7P
   IR-Receiver for Remote Control Systems
2000-01-01
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com