Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE914 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE914
Description  Integrated Circuit Zero-Voltage Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE914 Datasheet(HTML) 1 Page - NTE Electronics

  NTE914 Datasheet HTML 1Page - NTE Electronics NTE914 Datasheet HTML 2Page - NTE Electronics NTE914 Datasheet HTML 3Page - NTE Electronics NTE914 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE914
Integrated Circuit
Zero–Voltage Switch
Description:
The NTE914 zero–voltage switch is a monolithic silicon integrated circuit in a 14–Lead DIP type pack-
age designed to control a thyristor in a variety of AC power switching applications for AC input voltages
of 24V, 120V, 208/230V, and 277V at 50/60Hz and 400Hz. The NTE914 incorporates 4 functional
blocks as follows:
Limiter–Power Supply: Permits operation directly from an AC line.
Differential ON/OFF Sensing Amplifier: Tests the condition of external sensors or command
signals. Hysteresis or proportional–control capability may easily be implemented in this section.
Zero–Crossing Detector: Synchronizes the output pulses of the circuit at the time when the
AC cycle is at zero voltage point; thereby eliminating radio–frequency interference (RFI) when
used with resistive loads.
TRIAC Gating Circuit: Provides high current pulses to the gate of the power controlling thyristor.
The NTE914 also provides the following important auxiliary functions:
A built–in protection circuit that may be actuated to remove drive from the TRIAC if the sensor
opens or shorts.
Thyristor firing may be inhibited through the acting of an internal diode gate connected to Pin1.
High–power DC comparator operation is provided by overriding the action of the zero–crossing
detector. This is accomplished by connecting Pin12 to Pin7. Gate current to the thyristor is
continuous when Pin13 is positive with respect to Pin9.
Features:
D 24V, 120V, 208/230V, 277V at 50Hz, 60Hz, or 400Hz Operation
D Differential Input
D Low Balance Input Current: 1µA Max
D Built–In Protection Circuit or Opened or Shorted Sensor
D Sensor Range: RX = 2 to 100kΩ
D DC Mode
D External Trigger
D External Inhibit
D DC Supply Voltage: 14V Max


Similar Part No. - NTE914

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE91 NTE-NTE91 Datasheet
19Kb / 2P
   Silicon Complementary Transistors General Purpose High Gain Amplifier
NTE911 NTE-NTE911 Datasheet
78Kb / 3P
   Integrated Circuit Dual Voltage Comparator
NTE912 NTE-NTE912 Datasheet
29Kb / 3P
   Integrated Circuit General Purpose Transistor Array (Three Isolated Transistors and One Differentially-Connected Transistor Pair)
NTE915 NTE-NTE915 Datasheet
84Kb / 3P
   Integrated Circuit High−Speed Operational Amplifier
NTE916 NTE-NTE916 Datasheet
23Kb / 2P
   Integrated Circuit High Current, NPN Transistor Array, Common Emitter
More results

Similar Description - NTE914

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
   ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
   ZERO VOLTAGE SWITCH
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
logo
Unisonic Technologies
A2804 UTC-A2804_15 Datasheet
245Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804 Datasheet
39Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804_12 Datasheet
131Kb / 4P
   ZERO VOLTAGE SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com