Part Name
         Description
NTE928

 Integrated Circuit Low Power Dual Operational Amplifier ( 3 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Electrical Characteristics: (VCC = 5V, VEE = Gnd, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
VCC = 5V to 30V,
2.0
7.0
mV
VIC =0 to VCC–1.7V,
VO ] 1.4V, RS = 0Ω
0
° ≤ TA ≤ +70°C
9.0
mV
Average Temperature Coefficient
of Input Offset Voltage
∆VIO/∆T 0° ≤ TA ≤ +70°C
7.0
µV/°C
Input Offset Current
IIO
5.0
50
nA
0
° ≤ TA ≤ +70°C
150
nA
Average Temperature Coefficient
of Input Offset Current
∆IIO/∆T 0° ≤ TA ≤ +70°C
10
pA/
°C
Input Bias Current
IIB
–45
–250
nA
0
° ≤ TA ≤ +70°C
–50
–500
nA
Input Common–Mode Voltage
VICR
VCC = 30V, Note 4
0
28.3
V
Range
0
° ≤ TA ≤ +70°C
0
28
V
Differential Input Voltage Range
VIDR
VCC
V
Large Signal Open–Loop
AVOL
RL = 2kΩ, VCC = 15V,
25
100
V/mV
Voltage Gain
For Large VO Swing
0
° ≤ TA ≤ +70°C
15
V/mV
Channel Separation
1kHz
≤ f ≤ 20kHz, Input Referenced
–120
dB
Common–Mode Rejection Ratio
CMRR
RS ≤ 10kΩ
65
70
dB
Power Supply Rejection Ratio
PSRR
65
100
dB
Output Voltage Range
VOR
RL = 2kΩ
0
3.3
V
Output Voltage – High Limit
VOH
VCC = 30V,
° ≤
°
RL = 2kΩ
26
V
0
° ≤ TA ≤ +70°C
RL = 10kΩ
27
28
V
Output Voltage – Low Limit
VOL
VCC = 5V, RL = 10kΩ, 0° ≤ TA ≤ +70°C
5
20
mV
Output Source Current
IO+
VID = +1V, VCC = 15V
20
40
mA
Output Sink Current
IO–
VID = –1V, VCC = 15V
10
20
mA
VID = –1V, VO = 200mV
12
50
µA
Output Short–Circuit to GND
Ios
Note 5
40
60
mA
Power Supply Current
ICC
VO = 0, RL = ∞,
° ≤
°
VCC = 30V
1.5
3.0
mA
0
° ≤ TA ≤ +70°C
VCC = 5V
0.7
1.2
mA
Note 4. The input common–mode voltage or either input signal voltage should not be allowed to go
negative by more than 0.3V.
The upper end of the common–mode voltage range is
VCC–1.7V, but either or both inputs can goto +32V without damage.
Note 5. Short circuit from the output to VCC can cause excessive heating and eventual destruction.
Destructive dissipation can result from simultaneous shorts on all amplifiers.
1  2  3 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE928MIntegrated Circuit Low Power Dual Operational Amplifier 1 2 3 NTE Electronics
NTE928SIntegrated Circuit Low Power Dual Operational Amplifier 1 2 3 NTE Electronics
KIA4558PBIPOLAR LINEAR INTEGRATED CIRCUIT DUAL LOW NOISE OPERATIONAL AMPLIFIER 1 2 3 4 KEC(Korea Electronics)
KIA4559PBIPOLAR LINEAR INTEGRATED CIRCUIT DUAL LOW NOISE OPERATIONAL AMPLIFIER 1 2 3 4 KEC(Korea Electronics)
NTE888MIntegrated Circuit Low Power Programmable Operational Amplifier 1 2 3 NTE Electronics
NTE889MIntegrated Circuit Dual Low Power JFET OP Amplifier 1 2 3 NTE Electronics
KIA358PBIPOLAR LINEAR INTEGRATED CIRCUIT DUAL OPERATIONAL AMPLIFIER 1 2 3 4 KEC(Korea Electronics)
NTE858MIntegrated Circuit Dual Low-Noise JFET-Input Operational Amplifier 1 2 3 NTE Electronics
NTE990Integrated Circuit Dual Audio Power Amplifier 1 2 3 NTE Electronics
ZL40121Low Power Current Feedback Dual Operational Amplifier 1 2 3 4 5 MoreZarlink Semiconductor Inc

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl