Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3521-01S Datasheet(PDF) 4 Page - Fuji Electric

Part # 2SK3521-01S
Description  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3521-01S Datasheet(HTML) 4 Page - Fuji Electric

  2SK3521-01S Datasheet HTML 1Page - Fuji Electric 2SK3521-01S Datasheet HTML 2Page - Fuji Electric 2SK3521-01S Datasheet HTML 3Page - Fuji Electric 2SK3521-01S Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
2SK3521-01L,S,SJ
FUJI POWER MOSFET
IAV=f(tAV):starting Tch=25°C. Vcc=50V
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-2
10
-1
10
0
10
1
10
2
Single Pulse
Maximum Avalanche Current Pulsewidth
t
AV [sec]
PRE-SOLDER
See Note: 1.
Trademark
Lot No.
Type name
Note: 1. Guaranteed mark of avalanche ruggedness.
CONNECTION
GATE
DRAIN
SOURCE
DIMENSIONS ARE IN MILLIMETERS.
FUJI POWER MOS FET
12
3
1
2
3
Outline Drawings (mm)
Type(L)
GATE
DRAIN
SOURCE
See Note: 1.
Trademark
Lot No.
DIMENSIONS ARE IN MILLIMETERS.
Type name
FUJI POWER MOS FET
CONNECTION
Notes
1. ( ) : Reference dimensions.
Note: 1. Guaranteed mark of
avalanche ruggedness.
2. The metal part is covered with
the solder plating, part of cutting
is without the solder plating.
Pre-Solder
Fig. 1.
Fig. 1.
OUT VIEW
Solder Plating
4
1
2
4
3
Type(S)
GATE
DRAIN
SOURCE
See Note: 1.
Trademark
Lot No.
Type name
FUJI POWER MOS FET
CONNECTION
Notes
1. ( ) : Reference dimensions.
Note: 1. Guaranteed mark of
avalanche ruggedness.
2. The metal part is covered with
the solder plating, part of cutting
is without the solder plating.
OUT VIEW
Fig. 1.
Fig. 1.
Solder Plating
Pre-Solder
DIMENSIONS ARE IN MILLIMETERS.
2
4
1
3
Type(SJ)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
-3
10
-2
10
-1
10
0
10
1
Transient Thermal Impedance
Zth(ch-c)=f(t):D=0
t [sec]


Similar Part No. - 2SK3521-01S

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3521-01S FUJI-2SK3521-01S Datasheet
261Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3521-01SJ FUJI-2SK3521-01SJ Datasheet
261Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results

Similar Description - 2SK3521-01S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com