Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX3L383 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LVX3L383
Description  10-Bit Low Power Bus-Exchange Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LVX3L383 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74LVX3L383 Datasheet HTML 1Page - National Semiconductor (TI) 74LVX3L383 Datasheet HTML 2Page - National Semiconductor (TI) 74LVX3L383 Datasheet HTML 3Page - National Semiconductor (TI) 74LVX3L383 Datasheet HTML 4Page - National Semiconductor (TI) 74LVX3L383 Datasheet HTML 5Page - National Semiconductor (TI) 74LVX3L383 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Switch Voltage (VS)
b
05V to a70V
DC Input Voltage (VI) (Note 2)
b
05V to a70V
DC Input Diode Current (IIN) with VI k 0
b
20 mA
DC Output (IO) Sink Current
120 mA
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation
05W
Note 1
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Note 2
The input and output negative voltage ratings may
be exceeded if the input and output diode current ratings
are observed
Recommended Operating
Conditions
Supply Voltage (VCC)
40V to 55V
Free Air Operating Temperature (TA)
b
40 Cto a85 C
DC Electrical Characteristics
Symbol
Parameter
VCC
(V)
74LVX3L383
Units
Conditions
TA eb40 Cto a85 C
Min
Typ
Max
(Note 5)
VIK
Maximum Clamp
475
b
12
V
IIN eb18 mA
Diode Voltage
VIH
Minimum High
475 – 525
20
V
Level Input Voltage
VIL
Maximum Low
475 – 525
08
Level Input Voltage
IIN
Maximum Input
0
10
m
A
0 s VIN s 525V
Leakage Current
525
g
1
IOZ
Maximum TRI-STATE
525
g
10
m
A
0 s A B s VCC
IO Leakage
IOS
Short Circuit Current
475
100
mA
VI(A) VI(B) e 0V
VI(B) VI(A) e 475V
RON
Switch On
475
57
X
VI e 0V ION e 30 mA
Resistance (Note 3)
10
15
X
VI e 24V ION e 15 mA
ICC
Maximum Quiescent
525
02
10
m
A
VI e VCC GND
Supply Current
IO e 0
D
ICC
Increase in ICC
525
25
mA
VIN e 315V IO e 0
per Input (Note 4)
Per Control Input
Note 3
Measured by voltage drop between A and B pin at indicated current through the switch On resistance is determined by the lower of the voltages on the two
(A or B) pins
Note 4
Per TTL driven input (VIN e 315V control inputs only) A and B pins do not contribute to ICC
Note 5
All typical values are at VCC e 50V TA e 25 C
http
www nationalcom
2


Similar Part No. - 74LVX3L383

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LVX3L384 NSC-74LVX3L384 Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
74LVX3L384MTC NSC-74LVX3L384MTC Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
74LVX3L384MTCX NSC-74LVX3L384MTCX Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
74LVX3L384QSC NSC-74LVX3L384QSC Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
74LVX3L384QSCX NSC-74LVX3L384QSCX Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
More results

Similar Description - 74LVX3L383

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
   10-Bit Low Power Bus-Exchange Switch
logo
National Semiconductor ...
54LVX3383 NSC-54LVX3383 Datasheet
87Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
logo
Texas Instruments
SN74CBT3383 TI1-SN74CBT3383_16 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV3383 IDT-IDT74CBTLV3383 Datasheet
72Kb / 5P
   LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
logo
ON Semiconductor
74FST3383 ONSEMI-74FST3383 Datasheet
95Kb / 8P
   10-Bit Low Power Bus Exchange
January, 2005 ??Rev. 5
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDTQS3L383 IDT-IDTQS3L383_99 Datasheet
44Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
IDTQS3L383 IDT-IDTQS3L383 Datasheet
57Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com