Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LX1G132 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LX1G132
Description  SINGLE 2-INPUT SCHMITT NAND GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G132 Datasheet(HTML) 1 Page - STMicroelectronics

  74LX1G132 Datasheet HTML 1Page - STMicroelectronics 74LX1G132 Datasheet HTML 2Page - STMicroelectronics 74LX1G132 Datasheet HTML 3Page - STMicroelectronics 74LX1G132 Datasheet HTML 4Page - STMicroelectronics 74LX1G132 Datasheet HTML 5Page - STMicroelectronics 74LX1G132 Datasheet HTML 6Page - STMicroelectronics 74LX1G132 Datasheet HTML 7Page - STMicroelectronics 74LX1G132 Datasheet HTML 8Page - STMicroelectronics 74LX1G132 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
April 2004
s
5V TOLERANT INPUTS
s
HIGH SPEED: tPD = 5.5ns (MAX.) at VCC =3V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA =25°C
s
TYPICAL HYSTERESIS: Vh=1V at VCC=4.5V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL = 24mA (MIN) at VCC =3V
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.65V to 5.5V
(1.2V Data Retention)
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74LX1G132 is a low voltage CMOS SINGLE
2-INPUT NAND GATE fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
This together with its schmitt trigger function
allows it to be used on line receivers with slow
rise/fall input signals.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge.
74LX1G132
SINGLE 2-INPUT SCHMITT NAND GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-5L
74LX1G132STR
SOT323-5L
74LX1G132CTR
SOT323-5L
SOT23-5L


Similar Part No. - 74LX1G132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G125 STMICROELECTRONICS-74LX1G125 Datasheet
145Kb / 13P
   SINGLE BUS BUFFER (3-STATE)
April 2004
74LX1G125BJR STMICROELECTRONICS-74LX1G125BJR Datasheet
145Kb / 13P
   SINGLE BUS BUFFER (3-STATE)
April 2004
74LX1G125CTR STMICROELECTRONICS-74LX1G125CTR Datasheet
145Kb / 13P
   SINGLE BUS BUFFER (3-STATE)
April 2004
74LX1G125STR STMICROELECTRONICS-74LX1G125STR Datasheet
145Kb / 13P
   SINGLE BUS BUFFER (3-STATE)
April 2004
74LX1G126 STMICROELECTRONICS-74LX1G126 Datasheet
127Kb / 12P
   SINGLE BUS BUFFER (3-STATE)
More results

Similar Description - 74LX1G132

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_07 Datasheet
258Kb / 10P
   Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M54HC132 STMICROELECTRONICS-M54HC132 Datasheet
234Kb / 9P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
Toshiba Semiconductor
TC74HC132AP TOSHIBA-TC74HC132AP_07 Datasheet
267Kb / 8P
   Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M74HCT132 STMICROELECTRONICS-M74HCT132_01 Datasheet
180Kb / 8P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_12 Datasheet
216Kb / 9P
   Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_V01 Datasheet
273Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
logo
STMicroelectronics
74VHCT132A STMICROELECTRONICS-74VHCT132A Datasheet
53Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
February 2000
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F Datasheet
209Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
   QUAD 2-INPUT SCHMITT NAND GATE
March 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com