Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF750LVC-15PC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF750LVC-15PC
Description  High-speed Complex Programmable Logic Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC-15PC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF750LVC-15PC Datasheet HTML 5Page - ATMEL Corporation ATF750LVC-15PC Datasheet HTML 6Page - ATMEL Corporation ATF750LVC-15PC Datasheet HTML 7Page - ATMEL Corporation ATF750LVC-15PC Datasheet HTML 8Page - ATMEL Corporation ATF750LVC-15PC Datasheet HTML 9Page - ATMEL Corporation ATF750LVC-15PC Datasheet HTML 10Page - ATMEL Corporation ATF750LVC-15PC Datasheet HTML 11Page - ATMEL Corporation ATF750LVC-15PC Datasheet HTML 12Page - ATMEL Corporation ATF750LVC-15PC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ATF750LVC
9
Using the ATF750LVC’s Many
Advanced Features
The ATF750LVC’s advanced flexibility packs more usable
gates into 24-pins than any other logic device. The
ATF750LVCs start with the popular 22V10 architecture,
and add several enhanced features:
• Selectable D- and T-type Registers
Each ATF750LVC flip-flop can be individually configured
as either D- or T-type. Using the T-type configuration, JK
and SR flip-flops are also easily created. These options
allow more efficient product term usage.
• Selectable Asynchronous Clocks
Each of the ATF750LVC’s flip-flops may be clocked by
its own clock product term or directly from Pin 1 (SMD
Lead 2). This removes the constraint that all registers
must use the same clock. Buried state machines,
counters and registers can all coexist in one device while
running on separate clocks. Individual flip-flop clock
source selection further allows mixing higher
performance pin clocking and flexible product term
clocking within one design.
• A Full Bank of Ten More Registers
The ATF750LVC provides two flip-flops per output logic
cell for a total of 20. Each register has its own sum term,
its own reset term and its own clock term.
• Independent I/O Pin and Feedback Paths
Each I/O pin on the ATF750LVC has a dedicated input
path. Each of the 20 registers has its own feedback
terms into the array as well. This feature, combined with
individual product terms for each I/O’s output enable,
facilitates true bi-directional I/O design.
Synchronous Preset and
Asynchronous Reset
One synchronous preset line is provided for all 20 registers
in the ATF750LVC. The appropriate input signals to cause
the internal clocks to go to a high state must be received
during a synchronous preset. Appropriate setup and hold
times must be met, as shown in the switching waveform
diagram.
An individual asynchronous reset line is provided for each
of the 20 flip-flops. Both master and slave halves of the flip-
flops are reset when the input signals received force the
internal resets high.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying
of the ATF750LVC fuse patterns. Once the security fuse
is programmed, all fuses will appear programmed during
verify.
The security fuse should be programmed last, as its effect
is immediate.


Similar Part No. - ATF750LVC-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC-15PU ATMEL-ATF750LVC-15PU Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
More results

Similar Description - ATF750LVC-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com