Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6503 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CM6503
Description  8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6503 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CM6503 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6503 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6503 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6503 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6503 Datasheet HTML 9Page - List of Unclassifed Manufacturers CM6503 Datasheet HTML 10Page - List of Unclassifed Manufacturers CM6503 Datasheet HTML 11Page - List of Unclassifed Manufacturers CM6503 Datasheet HTML 12Page - List of Unclassifed Manufacturers CM6503 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CM6503/4
8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
2002/07/16
Preliminary Rev. 0.2
Champion Microelectronic Corporation
Page 9
One of the advantages of this control technique is that it
required only one system clock. Switch 1(SW1) turns OFF
and switch 2 (SW2) turns ON at the same instant to
minimize the momentary “no-load” period, thus lowering
ripple voltage generated by the switching action. With such
synchronized switching, the ripple voltage of the first stage
is reduced. Calculation and evaluation have shown that the
120Hz component of the PFC’s output ripple voltage can be
reduced by as much as 30% using this method,
substantially reducing dissipation in the high-voltage PFC
capacitor.
Typical Applications
PFC Section:
PFC Voltage Loop Error Amp, VEAO
The ML4803 utilizes an one pin voltage error amplifier in
the PFC section (VEAO). In the CM6503/4, it is using the
slew rate enhanced transconductance amplifier, which is
the same as error amplifier in the CM6800. The unique
transconductance profile can speed up the conventional
transient response by 10 times. The internal reference of
the VEAO is 2.5V. The input of the VEAO is VFB pin.
PFC Voltage Loop Compensation
The voltage-loop bandwidth must be set to less than 120Hz
to limit the amount of line current harmonic distortion. A
typical crossover frequency is 30Hz.
The Voltage Loop Gain (S)
CV
V
DC
EAO
2
OUTDC
IN
FB
EAO
OUT
FB
EAO
OUT
Z
*
GM
*
C
*
S
*
V
*
V
V
5
.
2
*
P
V
V
*
V
V
*
V
V
=
ZCV: Compensation Net Work for the Voltage Loop
GMv: Transconductance of VEAO
PIN: Average PFC Input Power
VOUTDC: PFC Boost Output Voltage; typical designed value is
380V.
CDC: PFC Boost Output Capacitor
∆VEAO: This is the necessary change of the VEAO to deliver
the designed average input power. The average value is
6V-3V=3V since when the input line voltage increases, the
delta VEAO will be reduced to deliver the same to the output.
To over compensate, we choose the delta VEAO is 3V.
Internal Voltage Ramp
The internal ramp current source is programmed by way of
VEAO pin voltage. When VEAO increases the ramp current
source is also increase. This current source is used to
develop the internal ramp by charging the internal 30pF +12/
-10% capacitor. The frequency of the internal programming
ramp is set internally to 67kHz.
Design PFC ISENSE Filtering
ISENSE Filter, the RC filter between Rs and ISENSE:
There are 2 purposes to add a filter at ISENSE pin:
1.) Protection: During start up or inrush current
conditions, it will have a large voltage cross Rs,
which is the sensing resistor of the PFC boost
converter. It requires the ISENSE Filter to attenuate
the energy.
2.) Reduce L, the Boost Inductor: The ISENSE Filter
also can reduce the Boost Inductor value since the
ISENSE Filter behaves like an integrator before
going ISENSE which is the input of the current error
amplifier, IEAO.


Similar Part No. - CM6503

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM6500 CMEDIA-CM6500 Datasheet
1Mb / 36P
   USB Audio Sound Chip
CM6500B CMEDIA-CM6500B Datasheet
1Mb / 36P
   USB Audio Sound Chip
CM6500B CMEDIA-CM6500B Datasheet
1Mb / 36P
   USB Audio Sound Chip
CM6500UNX CMEDIA-CM6500UNX Datasheet
1Mb / 36P
   USB Audio Sound Chip
logo
Chicago Miniature Lamp,...
CM6502 CML-CM6502 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
More results

Similar Description - CM6503

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com