Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX65003 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CX65003
Description  1400 - 2500 MHz Linear Power Amplifier Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CX65003 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CX65003 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 5Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 6Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 7Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 8Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 9Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 10Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 11Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DATA SHEET • CX65003
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
101468E • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • October 11, 2004
11
Top View
Side View
Detail A
End View
Bottom View
3
2.464 ± .051
1.270 BSC
0.406 ± .076
1.524 ± .127
1.473 ± .076
4.928 ± .102
0.635 ± .254
0.254
4
o
± 4
o
Parting Line
Gauge Plane
Seating Plane
Seating
Plane
Detail A
2.921 ± .203
3.937 ± .102
0.203 ± .038
0.330 ± .076 x 45
o
21
C1444
All measurements are in millimeters
Figure 25. CX65003 8-Pin SOIC Package Dimensions
C1242
8.00 ± 0.10
4.00 ± 0.10
1.55 ± 0.05
1.50 ± 0.25
6.88 ± 0.10
0.292 ± 0.13
1.68 ± 0.10
8
o Max
5
o Max
5.49 ± 0.10
2.00 ± 0.05
1.75 ± 0.10
AB
A
B
B
A
1. Carrier tape: black conductive polycarbonate
or polystyrene.
2. Cover tape material: transparent conductive PSA.
3. Cover tape size: 9.3 mm wide.
4. All measurements are in millimeters.
Pin #1
Indicator
Figure 26. CX65003 8-Pin SOIC Tape and Reel Dimensions


Similar Part No. - CX65003

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX65002 SKYWORKS-CX65002 Datasheet
285Kb / 11P
   700 - 1400 MHz Linear Power Amplifier Driver
More results

Similar Description - CX65003

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX65002 SKYWORKS-CX65002 Datasheet
285Kb / 11P
   700 - 1400 MHz Linear Power Amplifier Driver
SKY65009 SKYWORKS-SKY65009 Datasheet
402Kb / 13P
   250 - 2500 MHz Linear Power Amplifier Driver
logo
Stealth Microwave, Inc.
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2025-44L STEALTH_MICROWAVE-SM2025-44L Datasheet
174Kb / 3P
   2000-2500 MHz 25 Watt Linear Power Amplifier
SM2325-34HS STEALTH_MICROWAVE-SM2325-34HS Datasheet
93Kb / 2P
   2300-2500 MHz 3 Watt Linear Power Amplifier
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2025-46L STEALTH_MICROWAVE-SM2025-46L Datasheet
86Kb / 2P
   2000-2500 MHz 50 Watt Linear Power Amplifier
SM2325-47L STEALTH_MICROWAVE-SM2325-47L Datasheet
127Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com