Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2205UK Datasheet(PDF) 2 Page - Seme LAB

Part # D2205UK
Description  GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 7.5W - 12.5V - 1GHz SINGLE ENDED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2205UK Datasheet(HTML) 2 Page - Seme LAB

  D2205UK Datasheet HTML 1Page - Seme LAB D2205UK Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D2205UK
Document Number 3043
Isssue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS = 0
ID = 10mA
VDS = 12.5V
VGS = 0
VGS = 20V
VDS = 0
ID = 10mA
VDS = VGS
VDS = 10V
ID =0.6A
PO = 7.5W
VDS = 12.5V
IDQ = 0.6A
f = 1GHz
VDS = 0
VGS = –5V f = 1MHz
VDS = 12.5V VGS = 0
f = 1MHz
VDS = 12.5V VGS = 0
f = 1MHz
V
mA
µA
V
S
dB
%
pF
pF
pF
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Drain–Source
BVDSS
Breakdown Voltage
Zero Gate Voltage
IDSS
Drain Current
IGSS
Gate Leakage Current
VGS(th) Gate Threshold Voltage*
gfs
Forward Transconductance*
GPS
Common Source Power Gain
η
Drain Efficiency
VSWR
Load Mismatch Tolerance
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
40
2
1
17
0.54
10
40
20:1
36
30
3
HAZARDOUS MATERIAL WARNING
The ceramic portion of the device between leads and metal flange is beryllium oxide. Beryllium oxide dust is highly
toxic and care must be taken during handling and mounting to avoid damage to this area.
THESE DEVICES MUST NEVER BE THROWN AWAY WITH GENERAL INDUSTRIAL OR DOMESTIC WASTE.
RTHj–case
Thermal Resistance Junction – Case
Max. 5°C / W
THERMAL DATA
* Pulse Test:
Pulse Duration = 300
µs , Duty Cycle ≤ 2%


Similar Part No. - D2205UK

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D2200N INFINEON-D2200N Datasheet
245Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2009-06-15 revision:2.0
logo
Seme LAB
D2201 SEME-LAB-D2201 Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
logo
Nihon Kaiheiki Industry...
D22012B NKK-D22012B Datasheet
1Mb / 10P
   General Specifications
D22012H NKK-D22012H Datasheet
1Mb / 10P
   General Specifications
D22012LB NKK-D22012LB Datasheet
1Mb / 10P
   General Specifications
More results

Similar Description - D2205UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2290UK SEME-LAB-D2290UK Datasheet
23Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 1W - 12.5V - 1GHz SINGLE ENDED
D1221UK SEME-LAB-D1221UK Datasheet
60Kb / 4P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 10W - 12.5V - 175MHz SINGLE ENDED
D2204UK SEME-LAB-D2204UK Datasheet
36Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 20W - 12.5V - 900MHz SINGLE ENDED
logo
List of Unclassifed Man...
D1014 ETC-D1014 Datasheet
828Kb / 4P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET
logo
Seme LAB
D5017UK SEME-LAB-D5017UK Datasheet
83Kb / 5P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 150W - 50V - 175MHz SINGLE ENDED
D5007UK SEME-LAB-D5007UK Datasheet
19Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 150W - 50V - 175MHz SINGLE ENDED
D1001UK SEME-LAB-D1001UK Datasheet
43Kb / 4P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 20W - 28V - 175MHz SINGLE ENDED
D1025UK SEME-LAB-D1025UK Datasheet
35Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 100W - 28V - 175MHz SINGLE ENDED
D2014UK SEME-LAB-D2014UK Datasheet
38Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 2.5W - 28V - 500MHz SINGLE ENDED
D1222UK SEME-LAB-D1222UK Datasheet
19Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 60W - 12.5V - 175MHz PUSH-PULL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com