Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR8051 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DR8051
Description  High Performance Configurable 8-bit Microcontroller ver 3.01
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DR8051 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DR8051 Datasheet HTML 1Page - List of Unclassifed Manufacturers DR8051 Datasheet HTML 2Page - List of Unclassifed Manufacturers DR8051 Datasheet HTML 3Page - List of Unclassifed Manufacturers DR8051 Datasheet HTML 4Page - List of Unclassifed Manufacturers DR8051 Datasheet HTML 5Page - List of Unclassifed Manufacturers DR8051 Datasheet HTML 6Page - List of Unclassifed Manufacturers DR8051 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
microcontroller is planned to use in portable
and power critical applications.
DoCD™ Debug Unit
– it’s a real-time hard-
ware debugger provides debugging capability
of a whole SoC system. In contrast to other on-
chip debuggers DoCD™ provides non-intrusive
debugging of running application. It can halt,
run, step into or skip an instruction, read/write
any contents of microcontroller including all
registers, internal, external, program memo-
ries, all SFRs including user defined peripher-
als. Hardware breakpoints can be set and con-
trolled on program memory, internal and exter-
nal data memories, as well as on SFRs. Hard-
ware breakpoint is executed if any write/read
occurred at particular address with certain data
pattern or without pattern. The DoCD™ system
includes three-wire interface and complete set
of tools to communicate and work with core in
real time debugging. It is built as scalable unit
and some features can be turned off to save
silicon and reduce power consumption. A spe-
cial care on power consumption has been
taken, and when debugger is not used it is
automatically switched in power save mode.
Finally whole debugger is turned off when de-
bug option is no longer used.
PERFOR M A N CE
The following tables give a survey about the
Core area and performance in Programmable
Logic Devices after Place & Route (all CPU
features and peripherals have been included):
Device
Speed grade
Fmax
ORCA 4E
-3
50 MHz
Core performance in LATTICE® devices
For a user the most important is application
speed improvement. The most commonly used
arithmetic functions and their improvements
are shown in table below. An improvement was
computed as {80C51 clock periods} divided by
{DR8051CPU clock periods} required to exe-
cute an identical function. More details are
available in core documentation.
Function
Improvement
8-bit addition (immediate data)
7,20
8-bit addition (direct addressing)
6,00
8-bit addition (indirect addressing)
6,00
8-bit addition (register addressing)
7,20
8-bit subtraction (immediate data)
7,20
8-bit subtraction (direct addressing)
6,00
8-bit subtraction (indirect addressing)
6,00
8-bit subtraction (register addressing)
7,20
8-bit multiplication
10,67
8-bit division
9,60
16-bit addition
7,20
16-bit subtraction
7,64
16-bit multiplication
9,75
32-bit addition
7,20
32-bit subtraction
7,43
32-bit multiplication
9,04
Average speed improvement:
7,58
Dhrystone Benchmark Version 2.1 was used to
measure Core performance. The following ta-
ble gives a survey about the DR8051CPU per-
formance in terms of Dhrystone/sec and VAX
MIPS rating.
Device
Target
Clock
frequency
Dhry/sec
(VAX MIPS)
80C51
-
12 MHz
268 (0.153)
80C310
-
33 MHz
1550 (0.882)
DR8051CPU
ORCA 4E
40 MHz
6452 (3.672)
Core performance in terms of Dhrystones
268
1550
6452
0
2000
4000
6000
8000
80C51 (12MHz)
80C310 (33MHz)
DR8051CPU (40MHz)
Area utilized by the each unit of DR8051CPU
core in vendor specific technologies is summa-
rized in table below.
Area
Component
[LC/PFU]
[FFs]
CPU*
1510
220
Interrupt Controller
110
40
Power Management Unit
10
5
Total area
1630 / 299
265
*CPU – consisted of ALU, Opcode Decoder, Control Unit, Program &
Internal & External Memory Interfaces, User SFRs Interface
Core components area utilization


Similar Part No. - DR8051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DR8051 ETC-DR8051 Datasheet
70Kb / 4P
   8-bit RISC Microcontroller ver 2.00
logo
Digital Core Design
DR8051 DCD-DR8051 Datasheet
112Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
DR8051CPU DCD-DR8051CPU Datasheet
106Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
DR8051XP DCD-DR8051XP Datasheet
129Kb / 11P
   High Performance Configurable 8-bit Microcontroller ver 3.10
More results

Similar Description - DR8051

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DR8051XP DCD-DR8051XP Datasheet
129Kb / 11P
   High Performance Configurable 8-bit Microcontroller ver 3.10
DR80390XP DCD-DR80390XP Datasheet
134Kb / 11P
   High Performance Configurable 8-bit Microcontroller ver 3.10
DR8051 DCD-DR8051 Datasheet
112Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
DR80390 DCD-DR80390_1 Datasheet
116Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
DR8051CPU DCD-DR8051CPU Datasheet
106Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
DR80390CPU DCD-DR80390CPU Datasheet
110Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
DP80390XP DCD-DP80390XP_03 Datasheet
151Kb / 12P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DP80390CPU DCD-DP80390CPU_03 Datasheet
130Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051 DCD-DP8051_03 Datasheet
132Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com