Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26324 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS26324
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26324 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS26324 Datasheet HTML 6Page - Maxim Integrated Products DS26324 Datasheet HTML 7Page - Maxim Integrated Products DS26324 Datasheet HTML 8Page - Maxim Integrated Products DS26324 Datasheet HTML 9Page - Maxim Integrated Products DS26324 Datasheet HTML 10Page - Maxim Integrated Products DS26324 Datasheet HTML 11Page - Maxim Integrated Products DS26324 Datasheet HTML 12Page - Maxim Integrated Products DS26324 Datasheet HTML 13Page - Maxim Integrated Products DS26324 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
DS26324 3.3V, 16-Channel, E1/T1/J1, Short-Haul Line Interface Unit
10 of 112
4 PIN DESCRIPTION
Table 4-1. Pin Descriptions
NAME
PIN
TYPE
FUNCTION
ANALOG TRANSMIT AND RECEIVE
TTIP1
E1
TTIP2
F1
TTIP3
K1
TTIP4
L1
TTIP5
T5
TTIP6
T6
TTIP7
T10
TTIP8
T11
TTIP9
M16
TTIP10
L16
TTIP11
G16
TTIP12
F16
TTIP13
A12
TTIP14
A11
TTIP15
A7
TTIP16
A6
Analog
output
Transmit Bipolar Tip for Channels 1–16. These pins are
differential line driver Tip outputs. These pins can be high
impedance if pin OE is low. When “1” is set in the Output Enable
Register OE bit, the associated TTIPn pin will be enabled when
the OE pin is high. The differential outputs of TTIPn and TRINGn
can provide internal matched impedance for E1 75
W, E1 120W, T1
100
W, or J1 110W.
If the TCLK input for a given LIU is held low for 64 MCLKs that
LIUs transmitter is powered down and the TTIP/TRING outputs
are high impedance.
TRING1
E2
TRING2
F2
TRING3
K2
TRING4
L2
TRING5
R5
TRING6
R6
TRING7
R10
TRING8
R11
TRING9
M15
TRING10
L15
TRING11
G15
TRING12
F15
TRING13
B12
TRING14
B11
TRING15
B7
TRING16
B6
Analog
output
Transmit Bipolar Ring for Channels 1–16. These pins are
differential line driver Ring outputs. These pins can be High-Z if pin
OE is low. When “1” is set in the Output Enable Register OE bit,
the associated TRINGn pin will be enabled when the OE pin is
high. The differential outputs of TTIPn and TRINGn can provide
internal matched impedance for E1 75
W, E1 120W, T1 100W, or J1
110
W.
If the TCLK input for a given LIU is held low for 64 MCLKs that
LIUs transmitter is powered down and the TTIP/TRING outputs
are high impedance.
RTIP1
A1
RTIP2
C1
RTIP3
H1
RTIP4
N1
RTIP5
T1
RTIP6
T3
RTIP7
T8
RTIP8
T13
RTIP9
T16
RTIP10
P16
RTIP11
J16
RTIP12
D16
RTIP13
A16
RTIP14
A14
RTIP15
A9
RTIP16
A4
Analog
input
Receive Bipolar Tip for Channels 1–16. Receive analog input for
differential receiver. Data and clock are recovered and output at
RPOS/RNEG and RCLK pins respectively. The differential inputs
of RTIPn and RRINGn can provide impedance matching with
external resistance for E1 75
W, E1 120W, T1 100W, or J1 110W.


Similar Part No. - DS26324

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324 Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
DS26324DK MAXIM-DS26324DK Datasheet
2Mb / 46P
   3.3V, 16-Channel, E1/T1/J1 Short-/Long-Haul LIU Design Kit
REV: 120905
logo
Dallas Semiconductor
DS26324G DALLAS-DS26324G Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26324G MAXIM-DS26324G Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
More results

Similar Description - DS26324

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324_07 Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20416 IDT-IDT82P20416 Datasheet
1Mb / 121P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324_11 Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
DS26334 MAXIM-DS26334 Datasheet
1Mb / 121P
   3.3V, 16-Channel, E1/T1/J1 Short- and Long-Haul Line Interface Unit
19-5753; Rev 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com