Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY26121ZI-11T Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY26121ZI-11T
Description  PacketClock Spread Spectrum Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY26121ZI-11T Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY26121ZI-11T Datasheet HTML 1Page - Cypress Semiconductor CY26121ZI-11T Datasheet HTML 2Page - Cypress Semiconductor CY26121ZI-11T Datasheet HTML 3Page - Cypress Semiconductor CY26121ZI-11T Datasheet HTML 4Page - Cypress Semiconductor CY26121ZI-11T Datasheet HTML 5Page - Cypress Semiconductor CY26121ZI-11T Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CY26121
Document #: 38-07350 Rev. **
Page 4 of 6
Ordering Information
Ordering Code
Package Type
Operating Range
CY26121ZC
16-pin TSSOP
Commercial, 0°C to 70°C
CY26121ZCT
16-pin TSSOP – Tape and Reel
Commercial, 0°C to 70°C
CY26121ZI
16-pin TSSOP
Industrial, –40°C to 85°C
CY26121ZIT
16-pin TSSOP – Tape and Reel
Industrial, –40°C to 85°C
CY26121ZC-2
16-pin TSSOP
Commercial, 0°C to 70°C
CY26121ZC-2T
16-pin TSSOP – Tape and Reel
Commercial, 0°C to 70°C
CY26121ZI-2
16-pin TSSOP
Industrial, –40°C to 85°C
CY26121ZI-2T
16-pin TSSOP – Tape and Reel
Industrial, –40°C to 85°C
CY26121ZC-3
16-pin TSSOP
Commercial, 0°C to 70°C
CY26121ZC-3T
16-pin TSSOP – Tape and Reel
Commercial, 0°C to 70°C
CY26121ZI-3
16-pin TSSOP
Industrial, –40°C to 85°C
CY26121ZI-3T
16-pin TSSOP – Tape and Reel
Industrial, –40°C to 85°C
CY26121ZC-11
16-pin TSSOP
Commercial, 0°C to 70°C
CY26121ZC-11T
16-pin TSSOP – Tape and Reel
Commercial, 0°C to 70°C
CY26121ZI-11
16-pin TSSOP
Industrial, –40°C to 85°C
CY26121ZI-11T
16-pin TSSOP – Tape and Reel
Industrial, –40°C to 85°C
CY26121ZC-21
16-pin TSSOP
Commercial, 0°C to 70°C
CY26121ZC-21T
16-pin TSSOP – Tape and Reel
Commercial, 0°C to 70°C
CY26121ZI-21
16-pin TSSOP
Industrial, –40°C to 85°C
CY26121ZI-21T
16-pin TSSOP – Tape and Reel
Industrial, –40°C to 85°C
CY26121ZC-31
16-pin TSSOP
Commercial, 0°C to 70°C
CY26121ZC-31T
16-pin TSSOP – Tape and Reel
Commercial, 0°C to 70°C
CY26121ZI-31
16-pin TSSOP
Industrial, –40°C to 85°C
CY26121ZI-31T
16-pin TSSOP – Tape and Reel
Industrial, –40°C to 85°C


Similar Part No. - CY26121ZI-11T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26121ZI-2 CYPRESS-CY26121ZI-2 Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
CY26121ZI-21 CYPRESS-CY26121ZI-21 Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
CY26121ZI-21T CYPRESS-CY26121ZI-21T Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
CY26121ZI-2T CYPRESS-CY26121ZI-2T Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
CY26121ZI-3 CYPRESS-CY26121ZI-3 Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
More results

Similar Description - CY26121ZI-11T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26121 CYPRESS-CY26121_08 Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com