Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1851A Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN1851A
Description  Ground Fault Interrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1851A Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN1851A Datasheet HTML 3Page - Fairchild Semiconductor FAN1851A Datasheet HTML 4Page - Fairchild Semiconductor FAN1851A Datasheet HTML 5Page - Fairchild Semiconductor FAN1851A Datasheet HTML 6Page - Fairchild Semiconductor FAN1851A Datasheet HTML 7Page - Fairchild Semiconductor FAN1851A Datasheet HTML 8Page - Fairchild Semiconductor FAN1851A Datasheet HTML 9Page - Fairchild Semiconductor FAN1851A Datasheet HTML 10Page - Fairchild Semiconductor FAN1851A Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PRODUCT SPECIFICATION
FAN1851A
REV. 2.0.1 6/17/05
7
where:
T = integration time
V = threshold voltage
I = average fault current into CT
(6)
therefore:
(7)
I
120 V
AC rms
()
R
B
-------------------------------------
⎝⎠
⎛⎞
RN
RG
RN
+
-----------------------
⎝⎠
⎛⎞
=
heavy fault
current generated
(swamps ITH)
portion of fault
current shunted
around GFI
1 turn
1000 turns
-------------------------
⎝⎠
⎛⎞
1
2
---
⎝⎠
⎛⎞
0.91
()
×
×
×
current
division of
input sense
transformer
CT
charging
on half-
cycles
only
rms to
average
conversion
C
T
120
500
---------
⎝⎠
⎛⎞
0.4
1.6
0.4
+
---------------------
⎝⎠
⎛⎞
×
1
1000
------------
⎝⎠
⎛⎞
×
1
2
---
⎝⎠
⎛⎞
×
0.91
()
×
17.5
------------------------------------------------------------------------------------------------------------------0.008
×
=
C
T
0.01 µF
=
In practice, the actual value of CT will have to be modified
to include the effects of the neutral loop upon the net charg-
ing current. The effect of neutral loop induced currents is dif-
ficult to quantify, but typically they sum with normal fault
currents, thus allowing a larger value of CT. For UL943
requirements, 0.015µF has been found to be the best com-
promise between timing and noise.
For those GFI standards not requiring grounded neutral
detection, a still larger value capacity can be used and better
noise immunity obtained. The larger capacitor can be accom-
modated because RN and RG are not present, allowing the
full fault current, I, to enter the GFI.
In Figure 10, grounded neutral detection is accomplished by
feeding the neutral coil with 120Hz energy continuously and
allowing some of the energy to couple into the sense trans-
former during conditions of neutral fault.
Transformers may be obtained from Magnetic Metals, Inc.,
(http://www.magmet.com).


Similar Part No. - FAN1851A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
939Kb / 21P
   Design and Application of Primary-Side Regulation (PSR) PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
More results

Similar Description - FAN1851A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
   Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
ON Semiconductor
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
   Ground Fault Interrupter
March 2013 Rev. 1.0.1
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
   Ground Fault Interrupter
July 2014 Rev. 1.0.0
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
FAN4147SX FAIRCHILD-FAN4147SX Datasheet
559Kb / 10P
   Ground Fault Interrupter
logo
ON Semiconductor
NCS37005MNG ONSEMI-NCS37005MNG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
FAN4146 ONSEMI-FAN4146 Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com