Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM331DSB Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM331DSB
Description  Solid State Thermostat
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM331DSB Datasheet(HTML) 1 Page - ELM Electronics

  ELM331DSB Datasheet HTML 1Page - ELM Electronics ELM331DSB Datasheet HTML 2Page - ELM Electronics ELM331DSB Datasheet HTML 3Page - ELM Electronics ELM331DSB Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ELM331
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
1
2
3
4
8
7
6
5
Solid State Thermostat
The
ELM331
is
a
complete
temperature
measurement and control system in an 8 pin
package.
This integrated circuit is designed to compare
two resistances and drive an output pin depending
on the relative value of each. Typically, one of the
resistors will be an NTC thermistor, and the other
one will be a temperature independent resistor
(whether fixed or variable). When the magnitude of
the resistance connected to pin 2 exceeds the value
of the resistance connected to pin 3, the output pin
will be driven to a high state. Hysteresis maintains
the output in that state until the relative values differ
by approximately 8% (or typically 2°C for a 10K
thermistor).
To reduce the possibility of sporadic outputs, a
condition must exist for three successive cycles, or 6
seconds, before the output pin can change state.
• Low power CMOS design - typically 1mA at 5V
• Wide supply range - 3.0 to 5.5 volt operation
• Built-in proportional hysteresis
• Measurement in progress output
• Time delay on operate improves noise immunity
• Internal pullup resistor on the reset input
• High current drive outputs - up to 25 mA
• Primary thermostat in temperature control
systems
• Staging control for auxiliary heating or cooling
installations
• Under or over temperature alarms
2
3
4
6
7
R1
R2
Analog to
Digital
Converter
5
Control
Watchdog
Timer
Cap
MIP
Out
R1
R2
reset
3 Consecutive
Measurements
Measurement in Progress (busy)
Overrange
VDD
Out
MIP
R1 > R2
reset
Description
Applications
Block Diagram
1 of 4
Features
ELM331DSB


Similar Part No. - ELM331DSB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM33305HDL ETC2-ELM33305HDL Datasheet
857Kb / 4P
   Extruded Vertical T-1 (5mm) LED Standard Spacer Profie Assy
logo
ELM Electronics
ELM334 ELM-ELM334 Datasheet
29Kb / 4P
   GARAGE DOORMAN
ELM334 ELM-ELM334 Datasheet
57Kb / 7P
   Garage Doorman
logo
ELM Technology Corporat...
ELM33400CA-S ELM-TECH-ELM33400CA-S Datasheet
109Kb / 4P
   Single N-channel MOSFET
ELM33401CA-S ELM-TECH-ELM33401CA-S Datasheet
267Kb / 4P
   Single P-channel MOSFET
More results

Similar Description - ELM331DSB

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
52421 MICROPAC-52421 Datasheet
137Kb / 4P
   SOLID STATE THERMOSTAT CONTROLLER
logo
List of Unclassifed Man...
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
   Solid State
KSD301 ETC1-KSD301 Datasheet
1Mb / 6P
   Thermostat
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com