Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1851AMX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN1851AMX
Description  Ground Fault Interrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1851AMX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN1851AMX Datasheet HTML 1Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 2Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 3Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 4Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 5Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 6Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 7Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 8Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PRODUCT SPECIFICATION
FAN1851A
REV. 2.0.1 6/17/05
3
Normal Fault Plus Grounded Neutral Fault:
The combination of the normal fault and the grounded
neutral fault, as shown by the dashed lines in Figure 3.
Figure 3. Normal Fault Plus Grounded Neutral Fault
Absolute Maximum Ratings
Thermal Characteristics
Parameter
Conditions
Min
Max
Units
Supply Current
19
mA
Power Dissipation
570
mW
Operating Temperature
-40
70
°C
Lead Soldering Temperature, 60 seconds
300
°C
Parameter
Conditions
Min
Max
Units
Maximum Junction Temperature
125
°C
Maximum PD
TA < 50°C
468
mW
Thermal Resistance,
θJA
DIP
85
°C/W
SOIC
150
Hot
GFI
Neutral
Line
Hot
RLOAD
RB
Neutral
RG
RN


Similar Part No. - FAN1851AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
939Kb / 21P
   Design and Application of Primary-Side Regulation (PSR) PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
More results

Similar Description - FAN1851AMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
   Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
ON Semiconductor
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
   Ground Fault Interrupter
March 2013 Rev. 1.0.1
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
   Ground Fault Interrupter
July 2014 Rev. 1.0.0
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
FAN4147SX FAIRCHILD-FAN4147SX Datasheet
559Kb / 10P
   Ground Fault Interrupter
logo
ON Semiconductor
NCS37005MNG ONSEMI-NCS37005MNG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
FAN4146 ONSEMI-FAN4146 Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com