Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA8N80C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQA8N80C
Description  800V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA8N80C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQA8N80C Datasheet HTML 1Page - Fairchild Semiconductor FQA8N80C Datasheet HTML 2Page - Fairchild Semiconductor FQA8N80C Datasheet HTML 3Page - Fairchild Semiconductor FQA8N80C Datasheet HTML 4Page - Fairchild Semiconductor FQA8N80C Datasheet HTML 5Page - Fairchild Semiconductor FQA8N80C Datasheet HTML 6Page - Fairchild Semiconductor FQA8N80C Datasheet HTML 7Page - Fairchild Semiconductor FQA8N80C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, March 2003
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10
µs
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※Notes:
1. V
GS = 0 V
2. I
D = 250
μ A
T
J, Junction Temperature [
o
C]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ No te s :
1 . Z
θ JC ( t ) = 0. 57
℃ /W M a x .
2 . D u ty F a c to r , D = t
1 /t 2
3 . T
JM - T C = P DM * Z θ JC (t )
s i n g l e puls e
D= 0 . 5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
t
1 , S q uar e W a ve P u l s e D u r a t i o n [ s ec]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※Notes:
1. V
GS = 10 V
2. I
D = 4.0 A
T
J, Junction Temperature [
o
C]
25
50
75
100
125
150
0
2
4
6
8
10
T
C, Case Temperature [
℃]
Figure 8. On-Resistance Variation vs
Temperature


Similar Part No. - FQA8N80C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA8N80C FAIRCHILD-FQA8N80C Datasheet
791Kb / 9P
   800V N-Channel MOSFET
FQA8N80C FAIRCHILD-FQA8N80C Datasheet
792Kb / 8P
   800V N-Channel MOSFET
FQA8N80C FAIRCHILD-FQA8N80C_06 Datasheet
791Kb / 9P
   800V N-Channel MOSFET
FQA8N80C FAIRCHILD-FQA8N80C_07 Datasheet
792Kb / 8P
   800V N-Channel MOSFET
FQA8N80C_F109 FAIRCHILD-FQA8N80C_F109 Datasheet
791Kb / 9P
   800V N-Channel MOSFET
More results

Similar Description - FQA8N80C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com