Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI2309JCQ Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI2309JCQ
Description  Triple 10-Bit, 50 MSPS,3-Channel D/A Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI2309JCQ Datasheet(HTML) 9 Page - Intersil Corporation

  HI2309JCQ Datasheet HTML 1Page - Intersil Corporation HI2309JCQ Datasheet HTML 2Page - Intersil Corporation HI2309JCQ Datasheet HTML 3Page - Intersil Corporation HI2309JCQ Datasheet HTML 4Page - Intersil Corporation HI2309JCQ Datasheet HTML 5Page - Intersil Corporation HI2309JCQ Datasheet HTML 6Page - Intersil Corporation HI2309JCQ Datasheet HTML 7Page - Intersil Corporation HI2309JCQ Datasheet HTML 8Page - Intersil Corporation HI2309JCQ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
10-9
Standard Measurement Conditions and
Description
VDD = 5.0V.
VREF = 2.0V.
R = 200
Ω.
16R = 3.3k
Ω.
TA = 25oC.
VREF in Figure 9 is fixed to 2VDC without resistor dividing.
Input data in Figure 10 = all “0” and “1” of rectangular wave,
clock frequency = 50MHz for a total value of three channels.
Notes On Operation
Selecting the Output Resistance:
HI2309 is a current output type D/A converter. To create the
output voltage, connect the resistor to the current output pin.
Specifications:
Output full scale voltage VFS Max = 2.0 [V].
Output full scale current IFS Max = 10 [mA].
Calculate the output resistance from VFS = IFS x R. Connect
a resistance sixteen times the output resistance to the refer-
ence current pin IREF. In some cases, this value may not
exist, a similar value can be used instead.
Note that the VFS will be the following:
VFS = VREF x 16 R/R’.
R is the resistor to be connected to the IO and R’ is the
resistor to be connected to the IREF. Power consumption
can be reduced by increasing the resistance, but this will on
the contrary, increase the glitch energy and data setting
time. Set the best values according to the purpose of use.
Correlation Between Data and Clock:
For HI2309 to display the desired performance as a D/A con-
verter, the data transmitted from outside and the clock must
be synchronized properly. Adjust the setup time (tS) and
hold time (tH) as specified in “Electrical Characteristics.”
VDD, VSS:
Separate the analog and digital signals around the device to
reduce noise effects. Bypass the VDD pin to each GND with
a 0.1
µF ceramic capacitor as near as possible to the pin for
both digital and analog signals.
Latch Up:
The AVDD and DVDD pins must be able to share the same
power supply of the board. This is to prevent latch up caused
by potential difference between the two pins when the power
is turned on.
IREF Pin:
The IREF pin is very sensitive to improve the AC
Characteristics. Pay attention for capacitance component
not to attach to this pin because its output may become
unstable.
VG Pin:
It is recommended to use a 1
µF capacitor to improve the AC
Characteristics, though the typical capacitance value
externally connected to the VG Pin is 0.1µF.
FIGURE 9. OUTPUT FULL SCALE VOLTAGE vs AMBIENT
TEMPERATURE
FIGURE 10. OUTPUT FREQUENCY vs CURRENT
CONSUMPTION
Typical Performance Curves (Continued)
1.95
1.90
0
-25
0
25
50
75
AMBIENT TEMPERATURE (oC)
∆V = 0.02mV/oC
50
40
10
1
5
10
15
20
OUTPUT FREQUENCY (MHz)


Similar Part No. - HI2309JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2300 INTERSIL-HI2300 Datasheet
96Kb / 8P
   8-Bit, 18 MSPS, Video A/D Converter with 3.3V Power Supply Operation
August 1997
HI2300JCQ INTERSIL-HI2300JCQ Datasheet
96Kb / 8P
   8-Bit, 18 MSPS, Video A/D Converter with 3.3V Power Supply Operation
August 1997
HI2301 INTERSIL-HI2301 Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI2301JCQ INTERSIL-HI2301JCQ Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
More results

Similar Description - HI2309JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2307 INTERSIL-HI2307 Datasheet
685Kb / 10P
   Triple 10-Bit, 50 MSPS, RGB, 3-Channel D/A Converter
HI3050 INTERSIL-HI3050 Datasheet
92Kb / 11P
   Triple 10-Bit, 50 MSPS, High Speed, 3-Channel D/A Converter
August 1997
logo
Cadeka Microcircuits LL...
SPT7853 CADEKA-SPT7853 Datasheet
175Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
logo
Fairchild Semiconductor
SPT7853 FAIRCHILD-SPT7853 Datasheet
70Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Intersil Corporation
HI1260 INTERSIL-HI1260 Datasheet
166Kb / 13P
   Triple 8-Bit, 35 MSPS, RGB, 3-Channel D/A Converter
August 1997
HI20206 INTERSIL-HI20206 Datasheet
171Kb / 13P
   Triple 8-Bit, 35 MSPS, RGB, 3-Channel D/A Converter
August 1997
HI1178 INTERSIL-HI1178 Datasheet
90Kb / 11P
   Triple 8-Bit, 40 MSPS, RGB, 3-Channel D/A Converter
March 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com