Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C63 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT46C63
Description  A/D with LCD Type 8-Bit MCU
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C63 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT46C63 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
HT46R63/HT46C63
Rev. 1.90
8
May 17, 2004
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
P C
Execution Flow
Mode
Program Counter
*11~*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial Reset
0000
00000000
External Interrupt 0
0000
00000100
External Interrupt 1
0000
00001000
Timer/Event Counter Overflow
0000
00001100
Time Base Time-out
0000
00010000
A/D Interrupt
0000
00010100
RTC Interrupt
0000
00011000
Skip
PC+2
Loading PCL
@11~@8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#11~#8
#7
#6
#5
#4
#3
#2
#1
#0
Return (RET, RETI)
S11~S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
*11~*0: Program counter bits
S11~S0: Stack register bits
#11~#0: Instruction code bits
@7~@0: PCL bits
Functional Description
Execution Flow
The system clock for the microcontroller is derived from
an external RC or crystal oscillator. The system clock is
internally divided into four non-overlapping clocks. One
instruction cycle consists of 4 system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch and decoding takes an instruction cy-
cle while execution take the next instruction cycle. How-
ever, the pipelining scheme causes each instruction to
effectively execute in a cycle. If an instruction changes
the program counter, two cycles are required to com-
plete the instruction.
Program Counter
- PC
The program counter controls the sequence in which the
instructions stored in the program memory are executed
and its contents specify full range of program memory.
After accessing a program memory word to fetch an in-
struction code, the contents of the program counter are
incremented by one. The program counter then points to
the memory word containing the next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading PCL (program counter lower-order byte
register), subroutine call, initial reset, interrupts or return
from subroutine or interrupts, the program counter ma-
nipulates the program transfer by loading the address
corresponding to each instruction.
The conditional skip is activated by instructions. Once
the condition is met, the next instruction, fetched during
the current instruction execution, is discarded and a
dummy cycle replaces it to get the proper instruction.
Otherwise proceed with the next instruction.
The lower-order byte of the program counter (PCL) can
be accessed by using software instructions. Moving
data into the PCL performs a short jump. The destina-
tion will be within the current program ROM page.
Once the control transfer takes place, the execution suf-
fers from having an additional dummy cycle.
Program Memory
- PROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data, table, and interrupt entries, and is organized into


Similar Part No. - HT46C63

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C62 HOLTEK-HT46C62 Datasheet
401Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46C64 HOLTEK-HT46C64 Datasheet
345Kb / 47P
   A/D with LCD Type 8-Bit MCU
HT46C64 HOLTEK-HT46C64 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46C64 HOLTEK-HT46C64 Datasheet
1Mb / 51P
   52/100-pin LQFP
HT46C64 HOLTEK-HT46C64_11 Datasheet
320Kb / 46P
   A/D with LCD Type 8-Bit MCU
More results

Similar Description - HT46C63

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
   A/D Type 8-Bit MCU with LCD
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R62 HOLTEK-HT46R62 Datasheet
401Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R65 HOLTEK-HT46R65_11 Datasheet
321Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
   A/D Type 8-Bit MCU with LCD
HT46R65 HOLTEK-HT46R65 Datasheet
409Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R71D HOLTEK-HT46R71D Datasheet
331Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64 Datasheet
345Kb / 47P
   A/D with LCD Type 8-Bit MCU
HT46RU66 HOLTEK-HT46RU66 Datasheet
493Kb / 63P
   A/D Type 8-Bit MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com