Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS280PGILF Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # ICS280PGILF
Description  Package Outline and Package Dimensions (16-pin TSSOP,173 Mil. Body)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

ICS280PGILF Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

  ICS280PGILF Datasheet HTML 1Page - Integrated Circuit Solution Inc ICS280PGILF Datasheet HTML 2Page - Integrated Circuit Solution Inc ICS280PGILF Datasheet HTML 3Page - Integrated Circuit Solution Inc ICS280PGILF Datasheet HTML 4Page - Integrated Circuit Solution Inc ICS280PGILF Datasheet HTML 5Page - Integrated Circuit Solution Inc ICS280PGILF Datasheet HTML 6Page - Integrated Circuit Solution Inc ICS280PGILF Datasheet HTML 7Page - Integrated Circuit Solution Inc ICS280PGILF Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
MDS 280 C
8
Revision 062205
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS280
PRELIMINARY INFORMATION
Package Outline and Package Dimensions (16-pin TSSOP, 173 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
VersaClock
TM is a trademark of Integrated Circuit Systems, Inc. All rights reserved.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS280PG
See page 7
Tubes
16-pin TSSOP
0 to +70
°C
ICS280PGI
Tubes
16-pin TSSOP
-40 to +85
°C
ICS280PGLF
Tubes
16-pin TSSOP
0 to +70
°C
ICS280PGILF
Tubes
16-pin TSSOP
-40 to +85
°C
INDEX
AREA
1 2
24
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
.10 (.004)
C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.20
.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
4.90
5.10
0.193
0.201
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.450.75.018
.030
α
0
°
8
°
0
°
8
°


Similar Part No. - ICS280PGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS280 IDT-ICS280 Datasheet
110Kb / 9P
   TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
More results

Similar Description - ICS280PGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2761A ICST-MK2761A Datasheet
142Kb / 6P
   Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
logo
Maxim Integrated Produc...
21-0066 MAXIM-21-0066 Datasheet
42Kb / 1P
   PACKAGE OUTLINE, TSSOP 4.40MM BODY
Rev L
logo
Integrated Device Techn...
IDT5V41068A IDT-IDT5V41068A Datasheet
185Kb / 13P
   16-pin TSSOP package
logo
Maxim Integrated Produc...
21-0108 MAXIM-21-0108 Datasheet
71Kb / 2P
   PACKAGE OUTLINE, TSSOP 4.4MM BODY, EXPOSED PAD
Rev K
logo
Integrated Device Techn...
IDT5V41067A IDT-IDT5V41067A Datasheet
194Kb / 13P
   20-pin TSSOP package
logo
International Rectifier
TSSOP-14PIN IRF-TSSOP-14PIN Datasheet
19Kb / 1P
   TSSOP Package 14-Pin
logo
List of Unclassifed Man...
HT-210USD ETC2-HT-210USD Datasheet
732Kb / 2P
   Package Outline Dimensions
logo
Diodes Incorporated
AP02002 DIODES-AP02002_1 Datasheet
775Kb / 36P
   PACKAGE OUTLINE DIMENSIONS
logo
Galaxy Semi-Conductor H...
081029132636 BILIN-081029132636 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
SOT-523 BILIN-SOT-523 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com