Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHMS597160 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHMS597160
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMS597160 Datasheet(HTML) 2 Page - International Rectifier

  IRHMS597160 Datasheet HTML 1Page - International Rectifier IRHMS597160 Datasheet HTML 2Page - International Rectifier IRHMS597160 Datasheet HTML 3Page - International Rectifier IRHMS597160 Datasheet HTML 4Page - International Rectifier IRHMS597160 Datasheet HTML 5Page - International Rectifier IRHMS597160 Datasheet HTML 6Page - International Rectifier IRHMS597160 Datasheet HTML 7Page - International Rectifier IRHMS597160 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHMS597160
Pre-Irradiation
2
www.irf.com
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
-45*
ISM
Pulse Source Current (Body Diode)
À
-180
VSD Diode Forward Voltage
-5.0
V
Tj = 25°C, IS = -45A, VGS = 0V Ã
trr
Reverse Recovery Time
200
ns
Tj = 25°C, IF =-45A, di/dt ≤ -100A/µs
QRR Reverse Recovery Charge
1.6
µCVDD ≤ -25V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-100
V
VGS = 0V, ID = -1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown —
-0.13
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.05
VGS = -12V, ID = -30A
Resistance
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
V
VDS = VGS, ID = -1.0mA
gfs
Forward Transconductance
24
S ( )
VDS > -15V, IDS = -30A Ã
IDSS
Zero Gate Voltage Drain Current
-10
VDS= -80V ,VGS=0V
-25
VDS = -80V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
100
VGS = 20V
Qg
Total Gate Charge
170
VGS =-12V, ID = -45A
Qgs
Gate-to-Source Charge
65
nC
VDS = -50V
Qgd
Gate-to-Drain (‘Miller’) Charge
30
td(on)
Turn-On Delay Time
35
VDD = -50V, ID = -45A
tr
Rise Time
140
VGS =-12V, RG = 1.2Ω
td(off)
Turn-Off Delay Time
70
tf
Fall Time
45
LS + LD
Total Inductance
6.8
Measured from Drain lead (6mm /0.25in.
from package) to Source lead (6mm /0.25in.
from package) with Source wires internally
bonded from Source Pin to Drain Pad
Ciss
Input Capacitance
6110
VGS = 0V, VDS = -25V
Coss
Output Capacitance
1574
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
115
nA
Ã
nH
ns
µA
* Current is limited by package
Note: Corresponding Spice and Saber models are available on International Rectifier Website.
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction-to-Case
0.6
RthCS
Case-to-Sink
— 0.21
°C/W
RthJA
Junction-to-Ambient
48
Typical socket mount


Similar Part No. - IRHMS597160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMS597160 IRF-IRHMS597160 Datasheet
170Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597160 IRF-IRHMS597160 Datasheet
170Kb / 8P
   Simple Drive Requirements
IRHMS597160 IRF-IRHMS597160_15 Datasheet
170Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHMS597160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMS593260 IRF-IRHMS593260 Datasheet
214Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMB57260SE IRF-IRHMB57260SE Datasheet
188Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597Z60 IRF-IRHMS597Z60 Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67160 IRF-IRHMS67160 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS57064 IRF-IRHMS57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597064 IRF-IRHMS597064 Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67164 IRF-IRHMS67164 Datasheet
174Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
JANSR2N7476T1 IRF-JANSR2N7476T1 Datasheet
190Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67260 IRF-IRHMS67260 Datasheet
149Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67264 IRF-IRHMS67264 Datasheet
174Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com