Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQV1823JM Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECQV1823JM
Description  Designed for application where high density insertion of components is required.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQV1823JM Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECQV1823JM Datasheet HTML 1Page - Panasonic Semiconductor ECQV1823JM Datasheet HTML 2Page - Panasonic Semiconductor ECQV1823JM Datasheet HTML 3Page - Panasonic Semiconductor ECQV1823JM Datasheet HTML 4Page - Panasonic Semiconductor ECQV1823JM Datasheet HTML 5Page - Panasonic Semiconductor ECQV1823JM Datasheet HTML 6Page - Panasonic Semiconductor ECQV1823JM Datasheet HTML 7Page - Panasonic Semiconductor ECQV1823JM Datasheet HTML 8Page - Panasonic Semiconductor ECQV1823JM Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
IRating, Dimensions & Quantity/Ammo Box or Reel
GType ECQV(M) Rated voltage : 63VDC
0.01
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.012
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.015
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.018
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.022
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.027
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.033
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.039
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.047
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.056
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.068
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.082
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.1
7.5
3.2
7.0
11.0
5.0
5.0
0.50
0.12
7.5
3.8
7.0
11.0
5.0
5.0
0.50
0.15
7.5
4.1
7.0
11.0
5.0
5.0
0.50
0.18
10.2
3.5
9.0
14.0
7.5
5.0
0.50
0.22
10.2
3.5
9.0
14.0
7.5
5.0
0.50
0.27
10.2
3.5
9.0
14.0
7.5
5.0
0.50
0.33
10.2
3.8
9.0
14.0
7.5
5.0
0.50
0.39
10.2
4.0
9.0
14.0
7.5
5.0
0.50
0.47
10.2
4.5
9.0
14.0
7.5
5.0
0.50
0.56
10.2
4.9
9.0
14.0
7.5
5.0
0.50
0.68
10.2
5.5
10.0
15.0
7.5
5.0
0.50
0.82
10.2
6.1
10.0
15.0
7.5
5.0
0.50
1.0
10.2
6.9
10.0
15.0
7.5
5.0
0.50
Quantity
ECQV1J103JM( )
ECQV1J123JM( )
ECQV1J153JM( )
ECQV1J183JM( )
ECQV1J223JM( )
ECQV1J273JM( )
ECQV1J333JM( )
ECQV1J393JM( )
ECQV1J473JM( )
ECQV1J563JM( )
ECQV1J683JM( )
ECQV1J823JM( )
ECQV1J104JM( )
ECQV1J124JM( )
ECQV1J154JM( )
ECQV1J184JM( )
ECQV1J224JM( )
ECQV1J274JM( )
ECQV1J334JM( )
ECQV1J394JM( )
ECQV1J474JM( )
ECQV1J564JM( )
ECQV1J684JM( )
ECQV1J824JM( )
ECQV1J105JM( )
Part No.
Cap.
(µF)
Dimensions (mm)
Lmax.
Tmax.
Hmax.
Type-1 Type-2
F
Type-1
S
Type-2
ød
Ammo
Reel
2000
1000
1000
2000
GType ECQV(M) Rated voltage : 100VDC
0.01
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.012
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.015
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.018
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.022
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.027
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.033
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.039
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.047
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.056
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.068
7.5
4.0
7.0
12.0
5.0
5.0
0.50
0.082
7.5
4.1
7.0
12.0
5.0
5.0
0.50
0.1
7.5
4.5
7.0
12.0
5.0
5.0
0.50
0.12
10.2
3.3
9.0
14.0
7.5
5.0
0.50
0.15
10.2
3.3
9.0
14.0
7.5
5.0
0.50
0.18
10.2
3.6
9.0
14.0
7.5
5.0
0.50
0.22
10.2
4.0
9.0
14.0
7.5
5.0
0.50
0.27
10.2
4.2
9.0
14.0
7.5
5.0
0.50
0.33
10.2
4.8
10.0
15.0
7.5
5.0
0.50
0.39
10.2
5.5
10.0
15.0
7.5
5.0
0.50
0.47
10.2
6.8
10.5
15.5
7.5
5.0
0.50
Quantity
ECQV1103JM( )
ECQV1123JM( )
ECQV1153JM( )
ECQV1183JM( )
ECQV1223JM( )
ECQV1273JM( )
ECQV1333JM( )
ECQV1393JM( )
ECQV1473JM( )
ECQV1563JM( )
ECQV1683JM( )
ECQV1823JM( )
ECQV1104JM( )
ECQV1124JM( )
ECQV1154JM( )
ECQV1184JM( )
ECQV1224JM( )
ECQV1274JM( )
ECQV1334JM( )
ECQV1394JM( )
ECQV1474JM( )
Part No.
Cap.
(µF)
Dimensions (mm)
Lmax.
Tmax.
Hmax.
Type-1 Type-2
F
Type-1
S
Type-2
ød
Ammo
Reel
2000
1000
2000
1000
2000
1000
2000
1000
Suffix for lead crimped or taped type
StyleN:0.01 to 0.15 µF
StyleT:0.18 to 1.0 µF
StyleN:0.01 to 0.1 µF
Stacked Metallized Film Capacitor


Similar Part No. - ECQV1823JM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQV1823JM PANASONIC-ECQV1823JM Datasheet
92Kb / 3P
   Plastic Film Capacitors
ECQV1823JM PANASONIC-ECQV1823JM Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQV1823JM PANASONIC-ECQV1823JM Datasheet
619Kb / 3P
   Stacked Metallized Plastic Film Capacitor
More results

Similar Description - ECQV1823JM

ManufacturerPart #DatasheetDescription
logo
ams AG
LEUWU1A301 AMSCO-LEUWU1A301 Datasheet
1Mb / 20P
   OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
LEUWU1A501 AMSCO-LEUWU1A501 Datasheet
1Mb / 20P
   OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
logo
Everlight Electronics C...
T2C1-1UWA EVERLIGHT-T2C1-1UWA Datasheet
227Kb / 7P
   The series is designed for application required high luminous intensity
T2C9-1FJA EVERLIGHT-T2C9-1FJA Datasheet
114Kb / 9P
   designed for application required high luminous intensity
logo
List of Unclassifed Man...
JBXFD1G05MCSDSR ETC2-JBXFD1G05MCSDSR Datasheet
1Mb / 4P
   High reliability where quick, simple coupling mechanism is required
logo
JMK Inc.
ZM-1888-300 JMK-ZM-1888-300 Datasheet
33Kb / 1P
   designed to operate in automotive environments where high current is present and small size and light weight is required.
logo
Ralston Instruments.
QTFT-FRS0 RALSTON-QTFT-FRS0 Datasheet
299Kb / 1P
   Ideal for situations where frequent calibration of a DP transmitter using the bleeder port is required
QTFT-HNS0 RALSTON-QTFT-HNS0 Datasheet
298Kb / 1P
   Ideal for situations where frequent calibration of a DP transmitter using the bleeder port is required
logo
E-Tech Electronics LTD
GD1SS356 ETL-GD1SS356 Datasheet
142Kb / 2P
   The GD1SS356 is designed for high frequency switching application.
GMBTA94 ETL-GMBTA94 Datasheet
185Kb / 2P
   The GMBTA94 is designed for application requires high voltage.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com