Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQV1184JM Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQV1184JM
Description  Designed for application where high density insertion of components is required.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQV1184JM Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQV1184JM Datasheet HTML 1Page - Panasonic Semiconductor ECQV1184JM Datasheet HTML 2Page - Panasonic Semiconductor ECQV1184JM Datasheet HTML 3Page - Panasonic Semiconductor ECQV1184JM Datasheet HTML 4Page - Panasonic Semiconductor ECQV1184JM Datasheet HTML 5Page - Panasonic Semiconductor ECQV1184JM Datasheet HTML 6Page - Panasonic Semiconductor ECQV1184JM Datasheet HTML 7Page - Panasonic Semiconductor ECQV1184JM Datasheet HTML 8Page - Panasonic Semiconductor ECQV1184JM Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
50VDC
63VDC 100VDC
1H
1J
1
ISpecifications
Category temp. range
Rated voltage
Capacitance range
Capacitance tolerance
Dissipation factor
Withstand voltage
– 40 to + 85˚C
50VDC, 63VDC, 100VDC
0.01 to 2.2 µF
± 5%(J)
1.0%max.(20˚C 1kHz)
Between terminals : Rated volt.(VDC) 150% 60s
Insulation resistance
Stacked Metallized Film Capacitor
Type:
ECQV
Designed for application where high density insertion of
components is required.
IFeatures
High volumetric efficiency
Excellent electrical characteristics in non-inductive
construction
Wide range for automatic insertion
IRecommended Applications
General purpose usage
Noise suppression for logic circuits
IExplanation of Part Numbers
Taping
Crimped lead
123456789
10
11
12
E
C
Q
V
Product code
Dielectric &
construction
Rated voltage
Capacitance
J
Cap. Tol. Suffix
Suffix
Ammo
Reel
Straight Crimped Straight Crimped
2359
Type1
Type2
style N style T
Blank
W
L max.
Marking
Marking
F
±0.8
T max.
ø0.50
±0.05
Solder-plated Copper-clad
steel-wire
Type 1
Type2(Suffix W)
Style N
Style T
S
±0.8
Marking
S
±0.8
IDimensions in mm(not to scale)
IPackaging Specifications for Bulk Package
Packing quantity:100pcs./bag
C <
= 0.33µF : 3000M
Ω min.
20˚C, 50VDC 60s ECQV1H, ECQV1J
C > 0.33µF : 1000M
Ω . µFmin.
20˚C, 100VDC 60s ECQV1
()
Stacked Metallized Film Capacitor


Similar Part No. - ECQV1184JM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQV1184JM PANASONIC-ECQV1184JM Datasheet
92Kb / 3P
   Plastic Film Capacitors
ECQV1184JM PANASONIC-ECQV1184JM Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQV1184JM PANASONIC-ECQV1184JM Datasheet
619Kb / 3P
   Stacked Metallized Plastic Film Capacitor
More results

Similar Description - ECQV1184JM

ManufacturerPart #DatasheetDescription
logo
ams AG
LEUWU1A301 AMSCO-LEUWU1A301 Datasheet
1Mb / 20P
   OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
LEUWU1A501 AMSCO-LEUWU1A501 Datasheet
1Mb / 20P
   OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
logo
Everlight Electronics C...
T2C1-1UWA EVERLIGHT-T2C1-1UWA Datasheet
227Kb / 7P
   The series is designed for application required high luminous intensity
T2C9-1FJA EVERLIGHT-T2C9-1FJA Datasheet
114Kb / 9P
   designed for application required high luminous intensity
logo
List of Unclassifed Man...
JBXFD1G05MCSDSR ETC2-JBXFD1G05MCSDSR Datasheet
1Mb / 4P
   High reliability where quick, simple coupling mechanism is required
logo
JMK Inc.
ZM-1888-300 JMK-ZM-1888-300 Datasheet
33Kb / 1P
   designed to operate in automotive environments where high current is present and small size and light weight is required.
logo
Ralston Instruments.
QTFT-FRS0 RALSTON-QTFT-FRS0 Datasheet
299Kb / 1P
   Ideal for situations where frequent calibration of a DP transmitter using the bleeder port is required
QTFT-HNS0 RALSTON-QTFT-HNS0 Datasheet
298Kb / 1P
   Ideal for situations where frequent calibration of a DP transmitter using the bleeder port is required
logo
E-Tech Electronics LTD
GD1SS356 ETL-GD1SS356 Datasheet
142Kb / 2P
   The GD1SS356 is designed for high frequency switching application.
GMBTA94 ETL-GMBTA94 Datasheet
185Kb / 2P
   The GMBTA94 is designed for application requires high voltage.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com