Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C52-2ZI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS24C52-2ZI
Description  2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C52-2ZI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS24C52-2ZI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
PRELIMINARYINFORMATION
Rev.00B
01/26/04
IS24C52
ISSI®
WRITE OPERATION
Byte Write
In the Byte Write mode, the Master device sends the Start
condition and the Slave address information (with the R/
W
set to Zero) to the Slave device. After the Slave generates
an ACK, the Master sends a byte address that is written into
the address pointer of the IS24C52. After receiving another
ACK from the Slave, the Master device transmits the data
byte to be written into the address memory location. The
IS24C52acknowledgesoncemoreandtheMastergenerates
the Stop condition, at which time the device begins its
internal programming cycle. While this internal cycle is in
progress, the device will not respond to any request from the
Master device.
Page Write
The IS24C52 is capable of 16-byte Page-Write operation. A
Page-Write is initiated in the same manner as a Byte Write,
but instead of terminating the internal Write cycle after the
first data byte is transferred, the Master device can transmit
up to 15 more bytes. After the receipt of each data byte, the
IS24C52 responds immediately with an ACK on SDA line,
and the four lower order data byte address bits are internally
incremented by one, while the higher order bits of the data
byte address remain constant. If a byte address is
incremented from the last byte of a page, it returns to the first
byte of that page. If the Master device should transmit more
than 16 bytes prior to issuing the Stop condition, the address
counter will “roll over,” and the previously written data will be
overwritten. Once all 16 bytes are received and the Stop
condition has been sent by the Master, the internal
programming cycle begins. At this point, all received data is
written to the IS24C52 in a single Write cycle. All inputs are
disabled until completion of the internal Write cycle.
Acknowledge (ACK) Polling
The disabling of the inputs can be used to take advantage of
the typical Write cycle time. Once the Stop condition is
issued to indicate the end of the host's Write operation, the
IS24C52 initiates the internal Write cycle. ACK polling can be
initiated immediately. This involves issuing the Start condition
followed by the Slave address for a Write operation. If the
IS24C52 is still busy with the Write operation, no ACK will be
returned. If the IS24C52 has completed the Write operation,
an ACK will be returned and the host can then proceed with
the next Read or Write operation.
Permanent Write Protection
The IS24C52 contains a permanent write protection feature
that is initiated by means of a software command. After the
command is transmitted, the protected area becomes
irreversibly read-only despite power removal and re-
application on the device. The address range of the 128
bytes of the array that is affected by this feature is 00h-7Fh.
Once enabled, the permanent protection is independent of
the status of the WP pin. (If WP is raised to High, the entire
array is read-only. If WP is low, the region 00h-7Fh can still
be read-only.)
The software command is initiated similarly to a normal
byte write operation; however, the slave address begins
with the bits 0110 (see Figure 5). The following three bits are
A2 - A0. The last bit of the slave address (R/
W) is 0. If the
IS24C52 responds with ACK, then the device has not yet
had its write-protection permanently enabled. To complete
the command, the Master must transmit a dummy address
byte, dummy data byte, and a Stop signal
(see Figure 11). The WP pin must be Low during this
command. Before resuming any other command, the
internal write cycle should be observed.
The status of the permanent write protection can be safely
determined without any changes by transmitting the same
Slave address as above, but with the last bit (R/
W) set to
1(see Figure 12). If the permanent write protection has been
enabled, then the IS24C52 will not acknowledge any slave
address starting with bits 0110 (see Figure 5).


Similar Part No. - IS24C52-2ZI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01-2 ISSI-IS24C01-2 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01-2G ISSI-IS24C01-2G Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01-2G ISSI-IS24C01-2G Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C52-2ZI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS34C02 ISSI-IS34C02 Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02_0511 ISSI-IS34C02_0511 Datasheet
137Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02B ISSI-IS34C02B Datasheet
130Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
Integrated Silicon Solu...
IS24C02D ISSI-IS24C02D Datasheet
487Kb / 18P
   2K-bit 2-WIRE AUTOMOTIVE SERIAL CMOS EEPROM
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
   CMOS 2K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com