Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C52-2ZI Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS24C52-2ZI
Description  2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C52-2ZI Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS24C52-2ZI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS24C52-2ZI Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
9
PRELIMINARYINFORMATION
Rev.00B
01/26/04
IS24C52
ISSI®
Figure 8. Current Address Read
Figure 9. Random Address Read
SDA
Bus
Activity
S
T
A
R
T
M
S
B
L
S
B
N
O
A
C
K
R
E
A
D
S
T
O
P
A
C
K
Data
Device
Address
R/W
SDA
Bus
Activity
A
C
K
A
C
K
A
C
K
Data n
Word
Address (n)
Device
Address
DUMMY WRITE
Device
Address
S
T
A
R
T
W
R
I
T
E
R
E
A
D
S
T
A
R
T
S
T
O
P
M
S
B
L
S
B
N
O
A
C
K
R/W
Figure 10. Sequential Read
S
T
O
P
N
O
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
Data Byte n+X
Data Byte n+1
Data Byte n
Data Byte n+2
R/W
SDA
Bus
Activity
Device
Address
R
E
A
D


Similar Part No. - IS24C52-2ZI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01-2 ISSI-IS24C01-2 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01-2G ISSI-IS24C01-2G Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01-2G ISSI-IS24C01-2G Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C52-2ZI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS34C02 ISSI-IS34C02 Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02_0511 ISSI-IS34C02_0511 Datasheet
137Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02B ISSI-IS34C02B Datasheet
130Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
Integrated Silicon Solu...
IS24C02D ISSI-IS24C02D Datasheet
487Kb / 18P
   2K-bit 2-WIRE AUTOMOTIVE SERIAL CMOS EEPROM
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
   CMOS 2K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com