Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2751SD-B Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2751SD-B
Description  Regulated 2X, 1.5X Switched Capacitor White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2751SD-B Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2751SD-B Datasheet HTML 1Page - National Semiconductor (TI) LM2751SD-B Datasheet HTML 2Page - National Semiconductor (TI) LM2751SD-B Datasheet HTML 3Page - National Semiconductor (TI) LM2751SD-B Datasheet HTML 4Page - National Semiconductor (TI) LM2751SD-B Datasheet HTML 5Page - National Semiconductor (TI) LM2751SD-B Datasheet HTML 6Page - National Semiconductor (TI) LM2751SD-B Datasheet HTML 7Page - National Semiconductor (TI) LM2751SD-B Datasheet HTML 8Page - National Semiconductor (TI) LM2751SD-B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN Pin
−0.3V to 6.0V
EN, CS0, CS1 Pins
−0.3V to (V
IN+0.3)
w/ 6.0V max
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature
(T
J-MAX-ABS)
150˚C
Storage Temperature Range
−65˚C to 150˚C
Maximum Lead Temperature
265˚C
(Soldering, 10sec.)
ESD Rating (Note 4)
Human-body model:
Machine model:
2kV
200V
Operating Ratings
(Notes 1, 2)
Input Voltage Range
2.8V to 5.5V
EN, CS0, CS1 Input Voltage Range
0V to V
IN
Junction Temperature (T
J) Range
-40˚C to 115˚C
Ambient Temperature (T
A) Range
-40˚C to 85˚C
(Note 5)
Recommended Maximum Load Current
Version
Freq. = 725kHz
150mA
B
Freq. = 300kHz
120mA
Freq. = 37kHz
40mA
Freq. = 9.5kHz
10mA
Version
Freq. = 725kHz
80mA
A
Freq. = 300kHz
60mA
Freq. = 37kHz
16mA
Freq. = 9.5kHz
4mA
Thermal Properties
Junction-to-Ambient Thermal
Resistance, LLP-10
55˚C/W
Package (
θ
JA) (Note 6)
Electrical Characteristics
(Notes 2, 7)
Limits in standard typeface are for T
A =25
oC. Limits in boldface type apply over the full operating ambient temperature range
(-40˚C
≤ T
A
≤ +85˚C) . Unless otherwise noted, specifications apply to the LM2751 Typical Application Circuit (pg. 1) with: V
IN
= 3.6V, V(EN) = V
IN, CS0=CS1=VIN,C1 =C2 = 1.0µF, CIN =COUT = 2.2µF (Note 8).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Output Voltage
Version A, 2.8V
≤ V
IN
≤ 5.5V,
Freq. = 300kHz, 725kHz, T
A = 25˚C
I
OUT = 0 to 60mA
4.850
(-3%)
5.0
5.150
(+3%)
V
Version A, 2.8V
≤ V
IN
≤ 5.5V,
Freq. = 300kHz, I
OUT = 0 to 60mA
Freq. = 725kHz, I
OUT = 0 to 80mA
4.775
(-4.5%)
5.225
(+4.5%)
Version B, 2.8V
≤ V
IN
≤ 5.5V,
Freq. = 300kHz, 725kHz, T
A = 25˚C
I
OUT = 0 to 120mA
4.343
(-3.5%)
4.5
4.658
(+3.5%)
Version B, 2.8V
≤ V
IN
≤ 5.5V,
Freq. = 300kHz, I
OUT = 0 to 120mA
Freq. = 725kHz, I
OUT = 0 to 150mA
4.275
(-5%)
4.725
(+5%)
V
R
Output Ripple
2.8V
≤ V
IN
≤ 5.5V
I
OUT = 60mA
8mV
I
Q
Quiescent Current
Freq. = 9.5kHz, I
OUT = 0mA, VIN = 3.7V
425
600
µA
Freq. = 37kHz, I
OUT = 0mA, VIN = 3.7V
450
640
Freq. = 300kHz, I
OUT = 0mA, VIN = 3.7V
700
900
Freq. = 725kHz, I
OUT = 0mA, VIN = 3.7V
1000
1500
I
SD
Shutdown Supply Current
V(EN) = 0V
0.77
1.3
µA
V(EN) = 0V, T
A = 85˚C
1.0
E
Efficiency
I
OUT = 80mA (Version A, 5.0V)
Freq. = 300kHz, 725kHz
92
%
I
OUT = 150mA (Version B, 4.5V)
Freq. = 300kHz, 725kHz
83
www.national.com
3


Similar Part No. - LM2751SD-B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751SD-B/NOPB TI1-LM2751SD-B/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
More results

Similar Description - LM2751SD-B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com